Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR5305PBF Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # IRFR5305PBF
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR5305PBF Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR5305PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR5305PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR/U5305PbF
8
www.kersemi.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE AS S EMBLY LINE "A"
AS S EMBLED ON WW 16, 1999
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WE EK 16
PART NUMBER
LOGO
INTERNAT IONAL
RECTIF IER
ASSEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DES IGNATES LEAD-FREE
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-Free"
12
34
WEEK 16
A = ASSEMBLY S IT E CODE
PART NUMBER
IRF U120
LINE A
LOGO
LOT CODE
ASSEMBLY
INT ERNATIONAL
RECTIFIER


Similar Part No. - IRFR5305PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
logo
Kersemi Electronic Co.,...
IRFR5305PBF KERSEMI-IRFR5305PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFR5305PBF IRF-IRFR5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
IRFR5305PBF IRF-IRFR5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
IRFR5305PBF IRF-IRFR5305PBF Datasheet
249Kb / 11P
   Ultra Low On-Resistance
More results

Similar Description - IRFR5305PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com