Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD600R20PC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SD600R20PC
Description  Standard Recovery Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD600R20PC Datasheet(HTML) 8 Page - Vishay Siliconix

  SD600R20PC Datasheet HTML 1Page - Vishay Siliconix SD600R20PC Datasheet HTML 2Page - Vishay Siliconix SD600R20PC Datasheet HTML 3Page - Vishay Siliconix SD600R20PC Datasheet HTML 4Page - Vishay Siliconix SD600R20PC Datasheet HTML 5Page - Vishay Siliconix SD600R20PC Datasheet HTML 6Page - Vishay Siliconix SD600R20PC Datasheet HTML 7Page - Vishay Siliconix SD600R20PC Datasheet HTML 8Page - Vishay Siliconix SD600R20PC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95303
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 11-Apr-08
1
B-8
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
26 (1.023) MAX.
10.5 (0.41) DIA.
5 (0.20) ± 0.3 (0.01)
12 (0.47) MIN.
27.5 (1.08)
MAX.
38 (1.5)
DIA. MAX.
Ceramic housing
SW 45
C.S. 70 mm
2
21 (0.83) MAX.
3/4"-16UNF-2A *
115 (4.52) MIN.
245 (9.645)
255 (10.04)
80 (3.15)
MAX.
47 (1.85)
MAX.
*For metric device: M24 x 1.5 - length 21 (0.83) MAX.
contact factory


Similar Part No. - SD600R20PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600R IRF-SD600R Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD600R20PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com