Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC4210BG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC4210BG1
Description  IDC BOX HEADER STRAIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC4210BG1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC4210BG1 Datasheet HTML 1Page - Dubilier DBCIDCC4210BG1 Datasheet HTML 2Page - Dubilier DBCIDCC4210BG1 Datasheet HTML 3Page - Dubilier DBCIDCC4210BG1 Datasheet HTML 4Page - Dubilier DBCIDCC4210BG1 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
343
IDC
BOX HEADER STRAIGHT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT & Glass-Fibre Reinforced UL-94V-0
Current Rating:
1 A DC
Contact Resistance:
30M Ω Max
Insulator Resistance:
1000M Ω Min
Dielectric Withstanding
Voltage:
250V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Industry compatible
Competitively priced
Gold plated contacts
1.27mm pitch
2.54mm row spacing
DBC
IDC
C7
10
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
S=Selective
Gold
Colour
1=Black
10=10way
20=20way
30=30way
40=40way
50=50way
60=60way
70=70way
80=80way
90=90way
100=100way
S
Contact Material
B=Brass
B
1
Nº of Ways
A
B
1.27
5.26
4.1
6.32
8.1
1.27
3.2
A
B
1.27
5.26
4.1
6.32
8.1
1.27
3.2
Position
A
B
10
13.95
5.08
20
20.30
11.43
30
26.65
17.78
40
33.00
24.13
50
39.35
30.48
60
45.70
36.83
70
52.05
43.18
80
58.40
49.53
90
64.75
55.88
100
71.50
62.33
8.1
6.32
2.54
www.dubilier.co.uk


Similar Part No. - DBCIDCC4210BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC4210BG1 DUBILIER-DBCIDCC4210BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
More results

Similar Description - DBCIDCC4210BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com