Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-200AB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TO-200AB
Description  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-200AB Datasheet(HTML) 3 Page - Vishay Siliconix

  TO-200AB Datasheet HTML 1Page - Vishay Siliconix TO-200AB Datasheet HTML 2Page - Vishay Siliconix TO-200AB Datasheet HTML 3Page - Vishay Siliconix TO-200AB Datasheet HTML 4Page - Vishay Siliconix TO-200AB Datasheet HTML 5Page - Vishay Siliconix TO-200AB Datasheet HTML 6Page - Vishay Siliconix TO-200AB Datasheet HTML 7Page - Vishay Siliconix TO-200AB Datasheet HTML 8Page - Vishay Siliconix TO-200AB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 93678
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 15-May-08
3
ST333C..C Series
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % VDRM,
higher value available on request
500
V/µs
Maximum peak reverse and off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
50
mA
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, f = 50 Hz, d% = 50
60
W
Maximum average gate power
PG(AV)
10
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
10
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5
Maximum DC gate currrent required to trigger
IGT
TJ = 25 °C, VA = 12 V, Ra = 6 Ω
200
mA
Maximum DC gate voltage required to trigger
VGT
3V
Maximum DC gate current not to trigger
IGD
TJ = TJ maximum, rated VDRM applied
20
mA
Maximum DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to heatsink
RthJ-hs
DC operation single side cooled
0.09
K/W
DC operation double side cooled
0.04
Maximum thermal resistance, case to heatsink
RthC-hs
DC operation single side cooled
0.020
DC operation double side cooled
0.010
Mounting force, ± 10 %
9800
(1000)
N
(kg)
Approximate weight
83
g
Case style
See dimensions - link at the end of datasheet
TO-200AB (E-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.010
0.011
0.007
0.007
TJ = TJ maximum
K/W
120°
0.012
0.012
0.012
0.013
90°
0.015
0.015
0.016
0.017
60°
0.022
0.022
0.023
0.023
30°
0.036
0.036
0.036
0.037


Similar Part No. - TO-200AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TO-200AB VISHAY-TO-200AB Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
More results

Similar Description - TO-200AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com