Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT240SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT240SC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT240SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT240SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT240SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC240, 74ACT240 Rev. 1.2.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5V to +7.0V
IIK
DC Input Diode Current
VI = −0.5V
−20mA
VI = VCC + 0.5
+20mA
VI
DC Input Voltage
−0.5V to V
CC + 0.5V
IOK
DC Output Diode Current
VO = −0.5V
−20mA
VO = VCC + 0.5V
+20mA
VO
DC Output Voltage
−0.5V to V
CC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
−65°C to +150°C
TJ
Junction Temperature
140
°C
Symbol
Parameter
Rating
VCC
Supply Voltage
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
−40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate, AC Devices:
VIN from 30% to 70% of VCC, VCC @ 3.3V, 4.5V, 5.5V
125mV/ns
∆V / ∆t
Minimum Input Edge Rate, ACT Devices:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


Similar Part No. - 74ACT240SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT240SC FAIRCHILD-74ACT240SC Datasheet
88Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240SC FAIRCHILD-74ACT240SC Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240SC ONSEMI-74ACT240SC Datasheet
337Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.2.0
logo
Fairchild Semiconductor
74ACT240SC-NL FAIRCHILD-74ACT240SC-NL Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACT240SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com