Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC490G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC490G
Description  High Current Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC490G Datasheet(HTML) 2 Page - ON Semiconductor

  BC490G Datasheet HTML 1Page - ON Semiconductor BC490G Datasheet HTML 2Page - ON Semiconductor BC490G Datasheet HTML 3Page - ON Semiconductor BC490G Datasheet HTML 4Page - ON Semiconductor BC490G Datasheet HTML 5Page - ON Semiconductor BC490G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC490
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 1)
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−80
Vdc
Collector − Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−80
Vdc
Emitter − Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−4.0
Vdc
Collector Cutoff Current
(VCB = −60 Vdc, IE = 0)
ICBO
−100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −2.0 Vdc)
(IC = −100 mAdc, VCE = −2.0 Vdc)
(IC = −1.0 Adc, VCE = −5.0 Vdc)
hFE
40
60
15
400
Collector − Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
(IC = −1.0 Adc, IB = −100 mAdc)
VCE(sat)
−0.25
−0.5
−0.5
Vdc
Base − Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
(IC = −1.0 Adc, IB = −100 mAdc)
VBE(sat)
−0.9
−1.0
−1.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −50 mAdc, VCE = −2.0 Vdc, f = 100 MHz)
fT
150
MHz
Output Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cob
9.0
pF
Input Capacitance
(VEB = −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
110
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2%.
Figure 1. Switching Time Test Circuits
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
5.0 ms
+10 V
0
Vin
5.0 mF
100
100
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
5.0 ms
Vin
5.0 mF
100
100
TURN−OFF TIME
+VBB
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
RB
RB


Similar Part No. - BC490G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
logo
Micro Electronics
BC490 MICRO-ELECTRONICS-BC490 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC490A MOTOROLA-BC490A Datasheet
249Kb / 6P
   High Current Transistors
More results

Similar Description - BC490G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com