Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC490G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC490G
Description  High Current Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC490G Datasheet(HTML) 4 Page - ON Semiconductor

  BC490G Datasheet HTML 1Page - ON Semiconductor BC490G Datasheet HTML 2Page - ON Semiconductor BC490G Datasheet HTML 3Page - ON Semiconductor BC490G Datasheet HTML 4Page - ON Semiconductor BC490G Datasheet HTML 5Page - ON Semiconductor BC490G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC490
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
−1.0 k
−1.0
−2.0
−5.0
Figure 6. Active Region, Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
−700
−500
−300
−200
−100
−70
−50
−30
−20
−10
−3.0
−10
−20
−50
−30
−7.0
−70 −100
BC490
100 ms
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
IC, COLLECTOR CURRENT (mA)
Figure 7. “On” Voltages
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
200
20
TJ = 25°C
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
5.0
10
50
100
VBE(sat) @ IC/IB = 10
2.0
500
IC, COLLECTOR CURRENT (mA)
Figure 8. Collector Saturation Region
1.0
0.8
0.6
0.4
0.2
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.05
0.2
0.5
2.0
5.0
20
100 mA
250 mA
50
mA
50
500 mA
IC, COLLECTOR CURRENT (mA)
Figure 9. Base−Emitter Temperature Coefficient
−0.8
−2.8
1.0
100
10
RqVB for VBE
0.5
2.0
5.0
20
50
200
−1.2
−1.6
−2.0
−2.4
500
Figure 10. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
−0.5 −0.7
−1.0
−2.0
−3.0
−5.0
−7.0
−10
−20
−30
−50
−70
−100
−200
200
100
80
60
40
TJ = 125°C
25°C
−55°C
VCE = −1.0 V
−300
−500


Similar Part No. - BC490G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
logo
Micro Electronics
BC490 MICRO-ELECTRONICS-BC490 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC490A MOTOROLA-BC490A Datasheet
249Kb / 6P
   High Current Transistors
More results

Similar Description - BC490G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com