Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-1393144-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 5-1393144-9
Description  K10 Series Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393144-9 Datasheet(HTML) 3 Page - Tyco Electronics

  5-1393144-9 Datasheet HTML 1Page - Tyco Electronics 5-1393144-9 Datasheet HTML 2Page - Tyco Electronics 5-1393144-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay (Continued)
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product Code Arrangement Cont. material
Coil
Coil
Terminals
Mounting
Part number
K10P-11A15-6
2 form C, 2 CO
AgCdO
AC coil
6VAC
Quick connect (QC)
Socket
4-1393144-4
K10P-11A15-12
12VAC
3-1393144-9
K10P-11A15-24
24VAC
4-1393144-1
K10P-11AT5-24
Bracket
3-1393144-5
K10P-11A15-120
120VAC
Socket
4-1393144-0
K10P-11AT5-120
Bracket
3-1393144-3
K10P-11D15-6
DC coil
6VDC
Socket
6-1393144-0
K10P-11D15-12
12VDC
5-1393144-5
K10P-11DT5-12
Bracket
5-1393144-0
K10P-11D15-24
24VDC
Socket
5-1393144-7
K10P-11DT5-24
Bracket
5-1393144-1
K10P-11D15-48
48VDC
Socket
5-1393144-9
K10P-11D15-110
110VDC
5-1393144-4
K10P-11D55-12
12VDC
PCB
PCB
6-1393144-6
K10P-11D55-24
24VDC
6-1393144-8
K10P-11D55-110
110VDC
6-1393144-5


Similar Part No. - 5-1393144-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1393144-9 TEC-5-1393144-9 Datasheet
185Kb / 3P
   Socket, PCB and top flange mounting options
More results

Similar Description - 5-1393144-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393144-5 MACOM-2-1393144-5 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-1 MACOM-2-1419106-1 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1419106-0 MACOM-2-1419106-0 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1393144-1 MACOM-2-1393144-1 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-7 MACOM-2-1419106-7 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
PT270024 MACOM-PT270024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Freescale Semiconductor...
K10P81M72SF1 FREESCALE-K10P81M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com