Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM317
Description  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor LM317 Datasheet HTML 10Page - ON Semiconductor LM317 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM317, NCV317
http://onsemi.com
7
APPLICATIONS INFORMATION
Basic Circuit Operation
The LM317 is a 3−terminal floating regulator. In
operation, the LM317 develops and maintains a nominal
1.25 V reference (Vref) between its output and adjustment
terminals. This reference voltage is converted to a
programming current (IPROG) by R1 (see Figure 17), and this
constant current flows through R2 to ground.
The regulated output voltage is given by:
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
Since the current from the adjustment terminal (IAdj)
represents an error term in the equation, the LM317 was
designed to control IAdj to less than 100 mA and keep it
constant. To do this, all quiescent operating current is
returned to the output terminal. This imposes the
requirement for a minimum load current. If the load current
is less than this minimum, the output voltage will rise.
Since the LM317 is a floating regulator, it is only the
voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to
ground is possible.
Figure 19. Basic Circuit Configuration
+
Vref
Adjust
Vin
Vout
LM317
R1
IPROG
Vout
R2
IAdj
Vref = 1.25 V Typical
Vout
Load Regulation
The LM317 is capable of providing extremely good load
regulation, but a few precautions are needed to obtain
maximum performance. For best performance, the
programming resistor (R1) should be connected as close to
the regulator as possible to minimize line drops which
effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned
near the load ground to provide remote ground sensing and
improve load regulation.
External Capacitors
A 0.1
mF disc or 1.0 mF tantalum input bypass capacitor
(Cin) is recommended to reduce the sensitivity to input line
impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection. This capacitor (CAdj) prevents
ripple from being amplified as the output voltage is
increased. A 10
mF capacitor should improve ripple
rejection about 15 dB at 120 Hz in a 10 V application.
Although the LM317 is stable with no output capacitance,
like any feedback circuit, certain values of external
capacitance can cause excessive ringing. An output
capacitance (CO) in the form of a 1.0 mF tantalum or 25 mF
aluminum electrolytic capacitor on the output swamps this
effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator
it is sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator.
Figure 18 shows the LM317 with the recommended
protection diodes for output voltages in excess of 25 V or
high capacitance values (CO > 25 mF, CAdj > 10 mF). Diode
D1 prevents CO from discharging thru the IC during an input
short circuit. Diode D2 protects against capacitor CAdj
discharging through the IC during an output short circuit.
The combination of diodes D1 and D2 prevents CAdj from
discharging through the IC during an input short circuit.
Figure 20. Voltage Regulator with Protection Diodes
D1
Vin
Cin
1N4002
LM317
Vout
R1
+
CO
D2
R2
CAdj
1N4002
Adjust


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com