Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-177648-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-177648-8
Description  Wire-to-Board, Wire-to-Panel and Wire-to-Wire
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-177648-8 Datasheet(HTML) 3 Page - Tyco Electronics

  1-177648-8 Datasheet HTML 1Page - Tyco Electronics 1-177648-8 Datasheet HTML 2Page - Tyco Electronics 1-177648-8 Datasheet HTML 3Page - Tyco Electronics 1-177648-8 Datasheet HTML 4Page - Tyco Electronics 1-177648-8 Datasheet HTML 5Page - Tyco Electronics 1-177648-8 Datasheet HTML 6Page - Tyco Electronics 1-177648-8 Datasheet HTML 7Page - Tyco Electronics 1-177648-8 Datasheet HTML 8Page - Tyco Electronics 1-177648-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
36
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Performance Specifications
5
0
5
10
15
10
15
20
#14, #16
#18
#20
#22
#24
#26
#28
(AWG)
No. of Positions
Wire Size
bBasic data are as par
Certification Testing Report 501-5013
bTemperature rise : 30˚C
Generally, the current value of
connector is shown as per
position. The current rating of
this product is 15A as shown
in the table. Note that in all
circumstances it is the value
per position.
As the number of positions
increases, this value decreases.
This decrease can be calculated
from the table and the current
curve shown in the graph below.
Example:
• With a 6-position connector,
10A of current per position or
a total of 60A (max) can be
carried as shown in the table.
• With a 10-position connector,
8.5A of current per position
or a total of 85A (max) can be
carried as indicated by dotted
lines in the graph below.
Pitch
Item
Voltage Rating
250 V
10m
Ω max.
1,500 V
2,200 V (1 minute)
-55°~+105˚C
600 V*
Current Rating
1-position : 15A
3-position : 12A
6-position : 10A
16-position : 08A
(when using #16 AWG wire)
Contact Resistance
Dielectric Withstanding Voltage
Operating Temperature
150mil
(3.81mm)
200mil
(5.08mm)
*When connectors are used singly.
Number of Positions vs Current Curve (reference)
Material and Finish
Description
Material
Finish
Receptacle contact
Tab contact
Copper alloy
Bright tin plating and gold plating
with underplated nickel (1.27µm)
Tab post
Housing
Copper alloy
UL94V-0 rated glass filled polyester (PBT)
and PPS (SMT Type), black color.
Tin plating and gold plating
with underplated nickel (1.27µm)
Basic data are as per
Certification Testing Report 501-5013
Temperature rise : 30°C


Similar Part No. - 1-177648-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Similar Description - 1-177648-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com