Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-178128-4 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1-178128-4
Description  D-3000 Series (Continued)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-178128-4 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1-178128-4 Datasheet HTML 7Page - Tyco Electronics 1-178128-4 Datasheet HTML 8Page - Tyco Electronics 1-178128-4 Datasheet HTML 9Page - Tyco Electronics 1-178128-4 Datasheet HTML 10Page - Tyco Electronics 1-178128-4 Datasheet HTML 11Page - Tyco Electronics 1-178128-4 Datasheet HTML 12Page - Tyco Electronics 1-178128-4 Datasheet HTML 13Page - Tyco Electronics 1-178128-4 Datasheet HTML 14Page - Tyco Electronics 1-178128-4 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
66
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Appearance
Board mounting pitch: Horizontal Type 200 x 200 mils (5.08 x 5.08 mm)
Vertical Type 200 x 300 mils (5.08 x 7.62 mm)
Dielectric Withstanding Voltage: 2,200 V (for one minute) Voltage Rating: 600 V (per connector)
Receptacle
Housing
(Drawer Type)
Board-mounting
Tab Header
(Horizontal Type)
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
(Drawer Type)
XX
YY
XY
1-917266-3
1-179555-3
2-179555-3
3-179555-3
1-179554-3
2-179554-3
3-179554-3
No. of
Pos.
Keying
Receptacle Housing
(Drawer Type)
Tab Housing*
Panel Type
6
Free-Hanging Type
Note: Enter the following plating codes in -J after Part Numbers:
-2 = 0.38µm thick gold plating, -3 = 0.76µm thick gold plating,
-5 = Tin plating
1-178139-J
2-178139-J
3-178139-J
Board-mounting Tab Header*
Horizontal Type
1-178140-J
2-178140-J
3-178140-J
Vertical Type
Part Number Chart
Panel Mounting Screw
Part Number
900167-1
D-3200M — Drawer Type


Similar Part No. - 1-178128-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-178128-4 MACOM-1-178128-4 Datasheet
177Kb / 2P
   DYNAMIC D 3200, 5.08 PITCH
logo
TE Connectivity Ltd
1-178128-4 TEC-1-178128-4 Datasheet
288Kb / 5P
   Housing, Receptacle, Wire-to-Board, 4 Position, 5.08 mm [.2 in] Centerline, Crimp, 1 Row, Black, Mating Retention, Wire & Cable, Dynamic 3000 Series
09/30/2022
More results

Similar Description - 1-178128-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4170 CENTRAL-2N4170 Datasheet
57Kb / 1P
   SCRs Continued)
logo
Xilinx, Inc
XC4VLX25-10FF668C XILINX-XC4VLX25-10FF668C Datasheet
1Mb / 58P
   Absolute Maximum Ratings (Continued)
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
   STRAIGHT MINIATURE POWER JACKS (continued)
logo
Tyco Electronics
51864-8 MACOM-51864-8 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
logo
Keysight Technologies
3000X KEYSIGHT-3000X Datasheet
2Mb / 30P
   InfiniiVision 3000 X-Series
logo
Advantech Co., Ltd.
UNO-3000 ADVANTECH-UNO-3000 Datasheet
194Kb / 1P
   UNO-3000 Series Accessories
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com