Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19561-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 19561-1
Description  Wire-to-Board, Wire-to-Panel and Wire-to-Wire
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

19561-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 19561-1 Datasheet HTML 6Page - Tyco Electronics 19561-1 Datasheet HTML 7Page - Tyco Electronics 19561-1 Datasheet HTML 8Page - Tyco Electronics 19561-1 Datasheet HTML 9Page - Tyco Electronics 19561-1 Datasheet HTML 10Page - Tyco Electronics 19561-1 Datasheet HTML 11Page - Tyco Electronics 19561-1 Datasheet HTML 12Page - Tyco Electronics 19561-1 Datasheet HTML 13Page - Tyco Electronics 19561-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
43
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3100S — Standard
1-Row Type
Appearance
Board mounting pitch: Horizontal Type 150 mils (3.81mm) / Vertical Type 150 mils (3.81mm)
Dielectric Withstanding Voltage: 1,500V (for one minute)
Voltage Rating: 250 V
X
Y
X
Y
X
X
Y
X
X
Y
1-178288-3*
1
2-178288-3*
2
1-178288-4
2-178288-4
1-178288-5*
3
1-178288-6
2-178288-6
1-178288-7*
4
1-178288-8
2-178288-8
1-178802-3
2-178802-3
1-178802-5
1-178802-7
1-178802-8
2-178802-8
No. of
Pos.
Keying
See D-3200S Series
Receptacle
Housing
Tab Housing
Panel Type
2
3
4
5
6
8
10
1-177648-3
2-177648-3
1-177648-5
1-177648-7
1-177648-8
2-177648-8
S
S
S
S
Free-hanging Type L Fitting
Note: Enter the following plating codes in -J after Part Numbers:
-2 = 0.38µm thick gold plating, -3 = 0.76µm thick gold plating,
-5 = Tin plating
*1,*3 and *4 can be used as SMT Type Receptacle Housing.
*1 and *2 can also be used in modular configuration in combination
with D-3100M Tab Header.
Tab Housing
(Panel Type)
Tab Housing
(Free-hanging Type)
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Board-mounting
Tab Header
(Horizontal Type)
Board-mounting
Tab Header
(Vertical Type)
SMT Type
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
1-178293-J
2-178293-J
1-178294-J
2-178294-J
1-178295-J
1-178296-J
2-178296-J
1-178297-J
1-178298-J
2-178298-J
Board-mounting Tab Header
Horizontal Type
1-178313-J
2-178313-J
1-178314-J
2-178314-J
1-178315-J
1-178316-J
2-178316-J
1-178317-J
1-178318-J
2-178318-J
Vertical Type


Similar Part No. - 19561-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1956108 PHOENIX-1956108 Datasheet
347Kb / 11P
   CCVA 2,5/ 4-G-5,08 RNP26THR - PCB header
1956111 PHOENIX-1956111 Datasheet
347Kb / 11P
   CCVA 2,5/ 5-G-5,08 RNP26THR - PCB header
1956124 PHOENIX-1956124 Datasheet
359Kb / 11P
   CCVA 2,5/ 6-G-5,08 RNP26THR - PCB header
1956140 PHOENIX-1956140 Datasheet
346Kb / 11P
   CCVA 2,5/ 8-G-5,08 RNP26THR - PCB header
logo
Tyco Electronics
1956164-1 MACOM-1956164-1 Datasheet
460Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results

Similar Description - 19561-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com