Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE4353 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJE4353
Description  High-Voltage - High Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4353 Datasheet(HTML) 6 Page - ON Semiconductor

  MJE4353 Datasheet HTML 1Page - ON Semiconductor MJE4353 Datasheet HTML 2Page - ON Semiconductor MJE4353 Datasheet HTML 3Page - ON Semiconductor MJE4353 Datasheet HTML 4Page - ON Semiconductor MJE4353 Datasheet HTML 5Page - ON Semiconductor MJE4353 Datasheet HTML 6Page - ON Semiconductor MJE4353 Datasheet HTML 7Page - ON Semiconductor MJE4353 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJE4343 (NPN), MJE4353 (PNP)
http://onsemi.com
6
100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.1
200
50
1.0
Figure 10. Maximum Forward Bias Safe
Operating Area
5.0ms
dc
20
150
30
20
10
7.0
5.0
3.0
0.2
0.5
2.0
5.0
10
50
70 100
SECONDARY BREAKDOWN LIMITED
THERMAL LIMIT TC = 25°C
BONDING WIRE LIMITED
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current conditions during
reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 11 gives RBSOA characteristics.
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 10 is based on TC = 25°C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated when TC ≥ 25°C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable
current at the voltages shown on Figure 10 may be found at
any case temperature by using the appropriate curve on
Figure 9.
20
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
8.0
Figure 11. Maximum Reverse Bias Safe
Operating Area
16
120
100
80
60
40
20
4.0
12
140
160
180
TJ = 100°C
VBE(off) ≤ 5 V


Similar Part No. - MJE4353

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4353 MOTOROLA-MJE4353 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - MJE4353

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
   High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
NJVMJD50T4G ONSEMI-NJVMJD50T4G Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
   High Voltage Power Transistors
logo
ON Semiconductor
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
   High Voltage Power Transistors
January, 2015 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
MJD340 ONSEMI-MJD340_11 Datasheet
126Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 8
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
   HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com