Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW0402.06031M32DHEA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TNPW0402.06031M32DHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402.06031M32DHEA Datasheet(HTML) 4 Page - Vishay Siliconix

  TNPW0402.06031M32DHEA Datasheet HTML 1Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 2Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 3Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 4Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 5Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 6Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 7Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 8Page - Vishay Siliconix TNPW0402.06031M32DHEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 27-Jun-12
339
TNPW e3
High Stability Thin Film Flat Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 1000 pieces packaging is available only for precision resistors with tolerance ± 0.1 % and temperature coefficient
 ± 25 ppm/K.
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
AI2O3 ceramic substrate and conditioned to achieve the
desired temperature coefficient. Specially designed inner
contacts are deposited on both sides. A special laser is used
to achieve the target value by smoothly fine trimming the
resistive layer without damaging the ceramics. A further
conditioning is applied in order to stabilize the trimming
result. The resistor elements are covered by a protective
coating designed for electrical, mechanical and climatic
protection. The terminations receive a final pure tin on nickel
plating. The result of the determined production is verified by
an extensive testing procedure on 100 % of the individual
chip resistors. This includes pulse load screening for the
elimination of products with a potential risk of early life
failures according to EN 140401-801, 2.1.2.2. Only accepted
products are laid directly into the tape in accordance with
EN 60286-3.
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic soldering
using wave,
reflow or
vapour
phase
as shown in
IEC 61760-1. The encapsulation is resistant to all cleaning
solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system. The resistors are RoHS compliant, the pure
tin plating provides compatibility with lead (Pb)-free and
lead-containing soldering processes. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
All
products
comply
with
the
GADSL (2)
and
the
CEFIC-EECA-EICTA (3)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
The resistors are Halogen-free according to JEDEC JS709A
definition.
Solderability is specified for 2 years after production or
re-qualification. The permitted storage time is 20 years.
RELATED PRODUCTS
The TNPW with SnPb termination plating is designed for
those applications, where lead bearing terminations are
mandatory. For ordering TNPW with SnPb terminations
please refer to latest edition of data sheet TNPW, document
number 31006.
TNPS .... ESCC high-reliability thin film chip resistors are the
premium choice for design and manufacture of equipment,
where matured technology and proven reliability are of
utmost
importance.
They
are
regularly
used
in
communication and research satellites and fit equally well
into aircraft and military electronic systems. Approval of the
TNPS .... ESCC products is granted by the European Space
Components Coordination and registered in the ESCC
Qualified Parts List, REP005, document number 28789.
Notes
(2) Global Automotive Declarable Substance List, see www.gadsl.org.
(3) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org
 issue 
environment policy
 chemicals  chemicals for electronics.
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
TNPW0402 e3
ET7 = ED
10 000
Paper tape
acc. IEC 60286-3
Type I
8 mm
2 mm
180 mm / 7"
TNPW0603 e3
TNPW0805 e3
TNPW1206 e3
TNPW1210 e3
E52 = EN
1000 (1)
4 mm
180 mm / 7"
ET1 = EA
5000
ET6 = EC
20 000
4 mm
330 mm / 13"
TNPW2010 e3
E75 = EY
1000
Blister tape
acc. IEC 60286-3
Type II
12 mm
4 mm
180 mm / 7"
TNPW2512 e3
E75 = EY
1000
E67 = EG
2000


Similar Part No. - TNPW0402.06031M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402 VISHAY-TNPW0402 Datasheet
85Kb / 4P
   Thin Film, Rectangular, Resistor Chips
Revision: 2 4-Jan-14
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0402 VISHAY-TNPW0402 Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW0402.06031M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com