Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP502SQ18T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP502SQ18T2G
Description  80 mA CMOS Low Iq Low-Dropout Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SQ18T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP502SQ18T2G Datasheet HTML 1Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 2Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 3Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 4Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 5Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 6Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 7Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 8Page - ON Semiconductor NCP502SQ18T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP502, NCV502
http://onsemi.com
4
−40
6
100
50
40
20
10
0
t, TIME (ms)
−20
40
0
4
60
30
60
70
80
90
20
5
T, TEMPERATURE (C)
7
3
2
1
0
0
45
Figure 2. Quiescent Current versus Input Voltage
VIN, INPUT VOLTAGE (V)
Figure 3. Quiescent Current versus Temperature
Figure 4. Line Transient Response
Figure 5. Enable Response
35
25
100
60
0
−20
−40
−60
30
45
40
35
32.5
5
42.5
10
20
VOUT = 3.0 V
37.5
VIN = 5.0 V
VOUT = 3.0 V
VIN = 4.0 V to 5.0 V
45
6
40
COUT = 1.0 mF
IOUT = 30 mA
15
30
40
20
80
0
10
1.0
0.4
0.3
0.1
0
t, TIME (ms)
1.0
2.0
0
0.2
0.5 0.6
0.7
0.9
3.0
5
VIN = 4.0 V
VENABLE = 0 to 4.0 V
IOUT = 30 mA
COUT = 1.0 mF
0.8
−100
60
450
250
200
100
50
0
t, TIME (ms)
−50
50
0
0
100
150
300
350 400
30
Figure 6. Load Transient Response
Figure 7. Ripple Rejection/Frequency
COUT = 1.0 mF
VOUT = 3.0 V
VIN = 4.0 V
20
70
0.1
0.01
FREQUENCY (kHz)
30
50
1.0
40
60
VIN = 4.5 V + 0.5 VP−P
VOUT = 3.0 V
IOUT = 30 mA
COUT = 1.0 mF
10
100


Similar Part No. - NCP502SQ18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SQ18T2G ONSEMI-NCP502SQ18T2G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP502SQ18T2G ONSEMI-NCP502SQ18T2G Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
More results

Similar Description - NCP502SQ18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com