Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1586038-8 Datasheet(PDF) 96 Page - Tyco Electronics

Part # 1586038-8
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1586038-8 Datasheet(HTML) 96 Page - Tyco Electronics

Back Button 1586038-8 Datasheet HTML 92Page - Tyco Electronics 1586038-8 Datasheet HTML 93Page - Tyco Electronics 1586038-8 Datasheet HTML 94Page - Tyco Electronics 1586038-8 Datasheet HTML 95Page - Tyco Electronics 1586038-8 Datasheet HTML 96Page - Tyco Electronics 1586038-8 Datasheet HTML 97Page - Tyco Electronics 1586038-8 Datasheet HTML 98Page - Tyco Electronics 1586038-8 Datasheet HTML 99Page - Tyco Electronics 1586038-8 Datasheet HTML 100Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 134 page
background image
96
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mini-Universal MATE-N-LOK Sealed Connector System (Continued)
AMP
Soft Shell
Pin and Socket Connectors
.320
[8.13]
.933
[23.70]
.163
[4.14]
.220
[5.59]
.599
[15.22]
.386
[9.80]
.486
[12.34]
Single Housing Cavity Plug Seal
Part Number 794995-1
.06.002
[1.50 ± 0.05
.291.004
[7.4 ± 0.1]
.118.004
[3.0 ± 0.1]
.161004
[4.1 ± 0.1]
.102
[2.6]
.102
[2.6]
.102
[2.6]
± .004
± [0.1]
.291 ± .004
[7.4 ± 0.1]
.06 ± .002
[1.50 ± 0.05]
.157 ± .004
[4 ± 0.1]
Plug
Part Number 794894-1
(2 position shown)
.163
[4.14]
.220
[5.59]
.386
[9.80]
.933
[23.70]
.472
[11.99]
Cap
Part Number 794896-1
(2 position shown)
Wire Size
HDM
Hand
Range
Ins. Dia.
Material
Applicator
Tool
AWG [mm2]
Range
and Finish
Strip
Loose
Strip
Loose
Part No.
Part No.
Form
Piece
Form
Piece
Brass, Pre-tin
770901-1
770985-1
770902-1
770986-1
567066-33
Brass, Duplex1
1-770901-0 1-770985-0
1-770902-0 1-770986-0
567066-43
91529-1
567066-53
Brass, Pre-tin
770903-1
770987-1
770904-1
770988-1
567067-12
Brass, Duplex1
1-770903-0 1-770987-0
1-770904-0 1-770988-0
567067-22
91522-1
567067-32
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area and .000100 [.00254] min. tin in crimping area over
.000050 [.00127] min. nickel underplate on entire contact.
2
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on
AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-ELECTRIC Model G Machine. See pages 207-210 for further information.
3
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -4 is used on
AMP-O-LECTRIC Model K Machine, -5 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information.
26 -22
.040-.060
[.12 -.3]
1.02-1.52
22 -18
.050-.083
[.3 -.8]
1.27-2.11
Contact Part Numbers (for use with Single Wire Seals)
Pin
Socket
Single Wire Seal
Part Number 794758-1
Note: Ganged Wire Seals are available; contact Technical Support.
Individual Wire Seals
Individual Wire Seal
Contacts
Number of
Interface
Plug
Cap
Vertical Headers
Right Angle Headers
Positions
Seals
for Sealing
for Sealing
for Sealing
for Sealing
2
794772-2
794894-1
794896-1
1-770872-X
1-770966-X
4
794772-4
794805-1
794939-1
1-770874-X
1-770968-X
6
794772-6
794895-1
794940-1
1-770875-X
10770969-X
8
794772-8
794821-1
794941-1
1-794073-X
1-770970-X
10
1-794772-0
794781-1
794942-1
1-770858-X
1-770971-X
16
1-1586362-6
794824-1
1-794075-X
1-770974-X
-0 for tin finish, -1 for duplex. See Mini-Universal MATE-N-LOK section for details
Interface Seals
.38 ± 0.10
[9.68 ± 0.25]
.294 ± 0.10
[7.47 ± 0.25]
.38 ± 0.10
[9.68 ± 0.25]
.294 ± 0.10
[7.47 ± 0.25]


Similar Part No. - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com