Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1586038-8 Datasheet(PDF) 49 Page - Tyco Electronics

Part # 1586038-8
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1586038-8 Datasheet(HTML) 49 Page - Tyco Electronics

Back Button 1586038-8 Datasheet HTML 45Page - Tyco Electronics 1586038-8 Datasheet HTML 46Page - Tyco Electronics 1586038-8 Datasheet HTML 47Page - Tyco Electronics 1586038-8 Datasheet HTML 48Page - Tyco Electronics 1586038-8 Datasheet HTML 49Page - Tyco Electronics 1586038-8 Datasheet HTML 50Page - Tyco Electronics 1586038-8 Datasheet HTML 51Page - Tyco Electronics 1586038-8 Datasheet HTML 52Page - Tyco Electronics 1586038-8 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
49
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Grace Inertia Connectors (GIC), 3.5 mm Centerline
(Wire-to-Wire Connectors)
AMP
Soft Shell
Pin and Socket Connectors
This connector employs the
inertia locking mechanism,
which simultaneously locks
when mated to help prevent
mismating. It is widely used
for large-sized household
electric appliances, such as
refrigerators, washing
machines, or dispensers.
Depending on the working
environment, a locking
sound is difficult to confirm
during mating of a connec-
tor. However, this connector
supports secure mating
operation even in such a
working environment.
Product Facts
I
Small wire-to-wire
connectors (3.5 mm
centerline) can handle
18 AWG wire
I
Locking mechanism helps
prevent connectors from
being disconnected during
movement or transportation
I
Four kinds of keying per
color-coded housing
I
Improved housing shape
offers easier mating
I
Complies with lead free
requirements
I
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by
Canadian Standards
Association,
File No. E28476
Performance
Characteristics
Voltage Rating—300 VAC
Current Rating—7 A (max.)
Centerline—3.5 mm
Applicable Wire—26 to 18 AWG
Temperature Rating—
-30˚C to 105˚C
Material and Finish
Housing—6/6 Nylon UL94V-0
(CTI 600 V or more)
Terminal—Pre-tin Copper alloy
Technical Documents
Product Specification
108-5810
Application Specification
114-5306
R
R
Note: All dimensions shown are metric.


Similar Part No. - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com