Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1586038-8 Datasheet(PDF) 53 Page - Tyco Electronics

Part # 1586038-8
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1586038-8 Datasheet(HTML) 53 Page - Tyco Electronics

Back Button 1586038-8 Datasheet HTML 49Page - Tyco Electronics 1586038-8 Datasheet HTML 50Page - Tyco Electronics 1586038-8 Datasheet HTML 51Page - Tyco Electronics 1586038-8 Datasheet HTML 52Page - Tyco Electronics 1586038-8 Datasheet HTML 53Page - Tyco Electronics 1586038-8 Datasheet HTML 54Page - Tyco Electronics 1586038-8 Datasheet HTML 55Page - Tyco Electronics 1586038-8 Datasheet HTML 56Page - Tyco Electronics 1586038-8 Datasheet HTML 57Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
53
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.062 [1.57] Commercial Pin and Socket Connectors
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Polarized
I
Cavity identification
I
Low contact-mating force
I
Dual locking lances
I
Detent and positive locking
I
Contacts available in brass
and phosphor bronze with
tin and gold plating
I
Panel mount and free-
hanging styles
I
“F” crimp contacts
I
Applicator and hand tool
available
I
Economical commercial-
grade connectors
I
Compatible with high-speed
application machinery and
most other manufacturers’
soft shells
I
Wire range 30 to 18 AWG
[0.05 to 0.9 mm2]
I
Accepts wires with insula-
tion diameters as large as
.110 [2.79]
I
Housings available in 1 to 9
positions
I
.062 plug and receptacle
housings accept pin or
socket contacts. The pre-
ferred convention is to use
socket contacts with recep-
tacle housings
I
Not for interrupting current
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by
Canadian Standards
Association,
File No. LR 7189
Performance Characteristics
The .062 Commercial Pin and Socket
Connectors performance characteristics
found on pages 53-54 are based on
free-hanging and panel mount
connectors, loaded with contacts
crimped on stranded wire.
Durability—10 mating cycles
Dielectric Withstanding Voltage—
1.0 kVAC
Insulation Resistance—1000
megohms min. initial
Voltage Rating—250 V AC or DC
Connector Mating—2.5 lb. [11.1 N]
max. per contact
Connector Unmating—0.3 lb. [1.3 N]
min. per contact
Contact Insertion Force—
4.0 lb. [17.8 N] max. per contact
Contact Retention—
7 lb. [31.1 N] min.
15 lb. [66.6 N] min. for contacts
770983-1 and 794380-1
Technical Documents
Product Specification
108-1037
.062 Commercial Pin and
Socket Connectors
Application Specification
114-1013
.062 Commercial Pin and
Socket Connectors
R
R


Similar Part No. - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 1586038-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com