Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2065AFJ Datasheet(PDF) 6 Page - Rohm

Part # BD2065AFJ
Description  High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2065AFJ Datasheet(HTML) 6 Page - Rohm

Back Button BD2065AFJ Datasheet HTML 2Page - Rohm BD2065AFJ Datasheet HTML 3Page - Rohm BD2065AFJ Datasheet HTML 4Page - Rohm BD2065AFJ Datasheet HTML 5Page - Rohm BD2065AFJ Datasheet HTML 6Page - Rohm BD2065AFJ Datasheet HTML 7Page - Rohm BD2065AFJ Datasheet HTML 8Page - Rohm BD2065AFJ Datasheet HTML 9Page - Rohm BD2065AFJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/22
BD2061AFJ
BD2065AFJ
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300150-1-2
11.Mar.2013 Rev.001
●Typical Performance Curves
0
20
40
60
80
100
120
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
VIN=5.0V
Figure 5. Operating current
EN,/EN Enable
Figure 4. Operating current
EN,/EN Enable
0
20
40
60
80
100
120
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
23
4
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 6. Standby current
EN,/EN Disable
Figure 7. Standby current
EN,/EN Disable
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
℃]
VIN=5.0V


Similar Part No. - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2065AFJ ROHM-BD2065AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2065AFJ ROHM-BD2065AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com