Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRH140P03 Datasheet(PDF) 5 Page - Rohm

Part # RRH140P03
Description  Pch -30V -14A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRH140P03 Datasheet(HTML) 5 Page - Rohm

  RRH140P03 Datasheet HTML 1Page - Rohm RRH140P03 Datasheet HTML 2Page - Rohm RRH140P03 Datasheet HTML 3Page - Rohm RRH140P03 Datasheet HTML 4Page - Rohm RRH140P03 Datasheet HTML 5Page - Rohm RRH140P03 Datasheet HTML 6Page - Rohm RRH140P03 Datasheet HTML 7Page - Rohm RRH140P03 Datasheet HTML 8Page - Rohm RRH140P03 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRH140P03
lElectrical characteristic curves
0.1
1
10
100
0.01
0.1
1
10
100
Starting Tch=25ºC
VDD= -15V
VGS= -10V
RG=10W
0%
20%
40%
60%
80%
100%
120%
0
25
50
75
100 125 150 175
Fig.5 Avalanche Current vs Inductive Load
Coil Inductance : L [mH]
Fig.6 Avalanche Energy Derating Curve
vs Junction Temperature
Junction Temperature : Tj [ºC]
Fig.7 Typical Output Characteristics(I)
Drain - Source Voltage : -VDS [V]
Fig.8 Typical Output Characteristics(II)
Drain - Source Voltage : -VDS [V]
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
VGS= -2.6V
VGS= -2.4V
VGS= -2.2V
Ta= 25ºC
VGS= -10V
VGS= -4.5V
VGS= -4.0V
VGS= -3.0V
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
VGS= -2.2V
Ta= 25ºC
VGS= -2.6V
VGS= -2.4V
VGS= -10V
VGS= -4.5V
VGS= -4.0V
5/11
2012.06 - Rev.C


Similar Part No. - RRH140P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH140P03 ROHM-RRH140P03 Datasheet
187Kb / 6P
   4V Drive Pch MOSFET
More results

Similar Description - RRH140P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RRS140P03FRA ROHM-RRS140P03FRA Datasheet
2Mb / 14P
   Pch -30V -14A Power MOSFET
RRS140P03HZG ROHM-RRS140P03HZG Datasheet
2Mb / 14P
   Pch -30V -14A Power MOSFET
RD3L140SP ROHM-RD3L140SP Datasheet
2Mb / 16P
   Pch -60V -14A Power MOSFET
RD3L140SPFRA ROHM-RD3L140SPFRA Datasheet
2Mb / 15P
   Pch -60V -14A Power MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com