Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410216-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1410216-1
Description  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410216-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 1410216-1 Datasheet HTML 4Page - Tyco Electronics 1410216-1 Datasheet HTML 5Page - Tyco Electronics 1410216-1 Datasheet HTML 6Page - Tyco Electronics 1410216-1 Datasheet HTML 7Page - Tyco Electronics 1410216-1 Datasheet HTML 8Page - Tyco Electronics 1410216-1 Datasheet HTML 9Page - Tyco Electronics 1410216-1 Datasheet HTML 10Page - Tyco Electronics 1410216-1 Datasheet HTML 11Page - Tyco Electronics 1410216-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
144
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
MULTIGIG RT Connector Products (Continued)
Customization Options
The MULTIGIG RT product
line is fully customizable.
This is accomplished by
means of stacking the
PCB wafers in the correct
location to achieve the
desired mix of high speed
differential, high speed
single-ended, and low
speed/high speed density
signals. In addition, power
can be carried through the
PCB wafers by replacing
one or more signal wafers
for a power wafer.
Shown below is a TE
proposal for a typical
MULTIGIG RT connector
application. As you can see,
we took full advantage of
the MULTIGIG RT connector
capabilities. Contact your
TE representative to have a
proposal drawn-up to meet
your specific needs.
Typical MULTIGIG RT
Connector Implementation
MULTIGIG RT
7.2mm Guide
Receptacle
MULTIGIG RT 2
20.3mm Center Plug
16 Differential Pair Wafers
(3 Pairs Each)
MULTIGIG RT 2
20.3mm Center Plug
16 Open Pin Field Wafers
(9 Single-ended Lines Each)
MULTIGIG RT 2
20.3mm Right End Plug
16 Open Pin Field Wafers
(9 Single-ended Lines Each)
MULTIGIG RT 2
20.3mm Right End Plug
3 Open Pin Field Wafers (9 Single-ended Lines Each)
8 Single-ended Wafers (6 Lines Each)
2 Power Wafers (3 Lines Each)


Similar Part No. - 1410216-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410216-1 MACOM-1410216-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410216-1 ETC2-1410216-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results

Similar Description - 1410216-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410965-1 ETC2-1410965-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
Tyco Electronics
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com