Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP16N50U Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP16N50U
Description  N-Channel UniFETTM Ultra FRFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP16N50U Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDP16N50U Datasheet HTML 1Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 2Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 3Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 4Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 5Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 6Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 7Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 8Page - Fairchild Semiconductor FDP16N50U Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• d v / dt c o nt r ol l ed by R
G
•I
SD c ont r ol l ed
by pu l s e per i od
V
DD
L
I SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V
DS
( DUT )
V
DD
Bo d y D i o d e
F or w a r d V o l t age D r o p
V
SD
I
FM
, B o dy D i o de F o r w ar d C u r r ent
B o dy D i o de R ev er s e C ur r ent
I
RM
B ody D i ode R ec ov er y dv / dt
di / d t
D =
Ga t e P u l s e W i d t h
G a t e Pu l s e Pe r i o d
------------------- -------
DU T
V DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• d v / dt c o nt r ol l ed by R
G
•I
SD c ont r ol l ed
by pu l s e per i od
V
DD
LL
I SD
10 V
V
GS
( D r iv e r )
I SD
( D U T )
V
DS
( DUT )
V
DD
Bo d y D i o d e
F or w a r d V o l t age D r o p
V
SD
I
FM
, B o dy D i o de F o r w ar d C u r r ent
B o dy D i o de R ev er s e C ur r ent
I
RM
B ody D i ode R ec ov er y dv / dt
di / d t
D =
Ga t e P u l s e W i d t h
G a t e Pu l s e Pe r i o d
------------------- -------
D =
Ga t e P u l s e W i d t h
G a t e Pu l s e Pe r i o d
------------------- -------
©2009 Fairchild Semiconductor Corporation
FDP16N50U / FDPF16N50UT Rev.
C0
www.fairchildsemi.com


Similar Part No. - FDP16N50U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP16N50 FAIRCHILD-FDP16N50 Datasheet
994Kb / 10P
   500V N-Channel MOSFET
FDP16N50 FAIRCHILD-FDP16N50 Datasheet
447Kb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDP16N50 ISC-FDP16N50 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP16N50_0704 FAIRCHILD-FDP16N50_0704 Datasheet
447Kb / 10P
   500V N-Channel MOSFET
FDP16N50 FAIRCHILD-FDP16N50_12 Datasheet
800Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDP16N50U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF12N50UT FAIRCHILD-FDPF12N50UT Datasheet
403Kb / 8P
   N-Channel UniFETTM Ultra FRFETTM MOSFET?
FDPF10N50UT FAIRCHILD-FDPF10N50UT Datasheet
609Kb / 8P
   N-Channel UniFETTM Ultra FRFETTM MOSFET
FDB38N30U FAIRCHILD-FDB38N30U Datasheet
558Kb / 8P
   N-Channel UniFETTM Ultra FRFETTM MOSFET
FDPF5N50NZU FAIRCHILD-FDPF5N50NZU Datasheet
337Kb / 8P
   N-Channel UniFETTM II Ultra FRFETTM MOSFET?
FDA16N50F109 FAIRCHILD-FDA16N50F109 Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com