Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5221128-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 5221128-1
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5221128-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 5221128-1 Datasheet HTML 6Page - Tyco Electronics 5221128-1 Datasheet HTML 7Page - Tyco Electronics 5221128-1 Datasheet HTML 8Page - Tyco Electronics 5221128-1 Datasheet HTML 9Page - Tyco Electronics 5221128-1 Datasheet HTML 10Page - Tyco Electronics 5221128-1 Datasheet HTML 11Page - Tyco Electronics 5221128-1 Datasheet HTML 12Page - Tyco Electronics 5221128-1 Datasheet HTML 13Page - Tyco Electronics 5221128-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
53
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
Bulkhead Jacks,
Crimp
Note: Panel Insulating
Bushings — Page 54
H
L
Max.
H
L
Max.
11.04
[.435]
Min.
12.82
[.505]
Dia. Min.
12.83
[.505
]
+0.13
-0.00
+.005
-.000
Recommended
Panel Cutouts
Maximum Panel
Thickness 3.18 [.125]
Single Crimp
Hex and O Crimp
H = 11/16" across flats, 20.32 [.800] Max. across points
Dia.
5.54
[.218
]
+0.08
-0.00
+.003
-.000
Interchangeable Dies
CERTI-CRIMP
for PRO-CRIMPER
Interchangeable
RG/U
Termination
Center
Body
Dim.
Hand Tool
Hand Tool 354940-1
Dies for Hand
Cable
Type
Contact
Plating
Dielectric
Style
L
with
or
Tool 69710-1
Part No.
Plating
Integral Die
PRO-CRIMPER
& 626 Pneu.
Adapter 679304-1
Head 318161-1
Hex Crimp
Gold
Nickel
Polymethyl-
Commercial
36.83
58436-3
5413771-3
pentene
1.450
O Crimp
Gold
Nickel
Polypro-
Commercial
34.93
——
220217-3
5228980-7
174, 188,
pylene
1.375
188A, 316
O Crimp
Gold
Nickel
TEFLON
MIL Type
35.71
——
220026-1
5225398-7
1.406
Single Crimp
Gold
Silver
TEFLON
MIL Type
32.13
——
69422-
2-5330063-1
1.265
179, 179A,
O Crimp
Gold
Nickel
TEFLON
MIL Type
35.71
1424050-1
220026-1
5225398-8
179B, 161,
1.406
187, 187A,
Single Crimp
Gold
Silver
TEFLON
MIL Type
32.13
91910-1
69408-
2-5329458-1
BELDEN 9221
1.265
Times RD316
O Crimp
Gold
Nickel
TEFLON
MIL Type
35.71
91904-1
69669-2
1-5225398-5
1.406
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 5221128-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5221128-13 TEC-5221128-13 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5221128-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com