Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFAF60UA60DN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFAF60UA60DN
Description  60 A, 600 V, Ultrafast ll Dual Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF60UA60DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFAF60UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Electrical Characteristics Per leg at T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
VF1
IF = 30 A
IF = 30 A
TC = 25
oC
TC = 125
oC
-
-
-
-
2.2
2.0
V
IR1
VR = 600 V
VR = 600 V
TC = 25
oC
TC = 125
oC
-
-
-
-
100
150
µA
t
rr
Irr
Qrr
IF = 30 A, di/dt = 200 A/µs
TC = 25
oC
-
-
-
-
-
-
90
8
360
ns
A
nC
WAVL
Avalanche Energy ( L = 40 mH)
20
-
-
mJ
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
µs, Duty Cycle = 2%
©2009 Fairchild Semiconductor Corporation
FFAF60UA60DN Rev. A


Similar Part No. - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFAF60UA60DN THINKISEMI-FFAF60UA60DN Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
FFAF60UA60DN ISC-FFAF60UA60DN Datasheet
258Kb / 2P
   Ultra fast Rectifier
logo
Thinki Semiconductor Co...
FFAF60UA60DNTU THINKISEMI-FFAF60UA60DNTU Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
More results

Similar Description - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
   30 A, 600 V, Ultrafast ll Diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2022
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
   600 V, 60 A ultrafast high voltage rectifier
DS12515 - Rev 3 - March 2020
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
   Automotive 600 V, 60 A ultrafast bridge module
September 2020 Rev 1
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com