Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5225395-6 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5225395-6
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225395-6 Datasheet(HTML) 4 Page - Tyco Electronics

  5225395-6 Datasheet HTML 1Page - Tyco Electronics 5225395-6 Datasheet HTML 2Page - Tyco Electronics 5225395-6 Datasheet HTML 3Page - Tyco Electronics 5225395-6 Datasheet HTML 4Page - Tyco Electronics 5225395-6 Datasheet HTML 5Page - Tyco Electronics 5225395-6 Datasheet HTML 6Page - Tyco Electronics 5225395-6 Datasheet HTML 7Page - Tyco Electronics 5225395-6 Datasheet HTML 8Page - Tyco Electronics 5225395-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
BNC Connectors, 50 Ohm
L
Max.
14.53
[.572]
Dia. Max.
Plugs, Crimp
L
Max.
Single Crimp
14.53
[.572]
Dia. Max.
Hex and O Crimp
Interchangeable Dies
CERTI-CRIMP
for PRO-CRIMPER
Interchangeable
RG/U
Termination
Body
Dim.
Hand Tool
Hand Tool 354940-1
Dies for Hand
Part No.
Cable
Type
Plating
Dielectric
Style
L
with
or
Tool 69710-1
Integral Die
PRO-CRIMPER
& 626 Pneu.
Adapter 679304-1
Head 318161-1
178, 178A,
33.33
178B,
Single Crimp
Silver
TEFLON
MIL Type
69245-4
69471
-
5330876-0
196, 196A
1.312
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-3
2-5221128-1
1.320
O Crimp
Nickel
Polyethylene
Commercial
27.69
220009-5
318450-2
220217-3
1-5227079-6
174,
1.090
188, 188A,
O Crimp
Nickel
TEFLON
MIL Type
30.18
1424050-1
220026-1
5225395-7
316
1.188
Single Crimp
Silver
TEFLON
MIL Type
33.33
69245-2
69422-
2-5330061-1
1.312
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-3
2-5221128-3
179, 179A,
1.320
179B, 161,
O Crimp
Nickel
Polyethylene
Commercial
27.69
1424050-1
220217-3
2-5227079-2
187, 187A,
1.090
BELDEN
O Crimp
Nickel
TEFLON
MIL Type
-
30.18
——
220026-1
5225395-8
9221
1.188
Single Crimp
Silver
TEFLON
MIL Type
33.33
91910-1
69408-
2-5329446-1
1.312
RD 316, 188,
O Crimp
Nickel
Polyethylene
Commercial
27.69
69477-4
58539-1
8-5227079-2
Double Braid
1.090
Hex Crimp
Nickel
Polyethylene
Commercial
33.53
58436-12
2-5221128-7
BELDEN
1.320
8219
O Crimp
Nickel
Polyethylene
Commercial
27.69
220187-1
58435-11
220217-1
6-5227079-73
1.090
BELDEN 9907,
89907 COMM/
O Crimp
Nickel
Polyethylene
Commercial
27.69
220187-1
318452-2
220217-1
6-5227079-84
SCOPE 2104
1.090
O Crimp
Nickel
Polyethylene
Commercial
27.69
69477-4
58539-1
58376-1
1-5227079-9
BELDEN
1.090
8218
O Crimp
Nickel
TEFLON
MIL Type
30.18
91904-1
69669-2
1-5225395-0
1.188
1
Order Tyco Electronics PRO-CRIMPER Coaxial “O” Crimp Hand Tool assembly 58433-1, which includes dies 58435-1.
2
Order Tyco Electronics PRO-CRIMPER Coaxial Hex Crimp Hand Tool assembly 58433-2, which includes dies 58436-1.
3
For use with BELDEN 9907 cable, COMM/SCOPE 3104 cable, and BELDEN 8219 cable only.
4
For use with BELDEN 89907 cable, and COMM/SCOPE 2104 cable only.
47
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
COMM/SCOPE is a trademark of
Commscope, Inc.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 5225395-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5225395-6 TEC-5225395-6 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5225395-6

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com