Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD580LH Datasheet(PDF) 4 Page - Analog Devices

Part # AD580LH
Description  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580LH Datasheet(HTML) 4 Page - Analog Devices

  AD580LH Datasheet HTML 1Page - Analog Devices AD580LH Datasheet HTML 2Page - Analog Devices AD580LH Datasheet HTML 3Page - Analog Devices AD580LH Datasheet HTML 4Page - Analog Devices AD580LH Datasheet HTML 5Page - Analog Devices AD580LH Datasheet HTML 6Page - Analog Devices AD580LH Datasheet HTML 7Page - Analog Devices AD580LH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD580
Rev. B | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Input Voltage
40 V
Power Dissipation @ 25°C
Ambient Temperature
350 mW
Derate above 25°C
2.8 mW/°C
Lead Temperature (Soldering
10 sec)
300°C
Thermal Resistance
Junction-to-Case
100°C
Junction-to-Ambient
360°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AD580 CHIP DIMENSIONS AND PAD LAYOUT
Dimensions shown in inches and (millimeters).
*BOTH EOUT PADS MUST BE CONNECTED TO THE OUTPUT.
0.075 (1.90)
EOUT*
–E
+E
0.046
(1.16)
Figure 2.
The AD580 is also available in chip form. Consult the factory
for specifications and applications information.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD580LH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580LH AD-AD580LH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580LH AD-AD580LH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

Similar Description - AD580LH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com