Electronic Components Datasheet Search |
|
AD7440BRT-REEL7 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7440BRT-REEL7 Datasheet(HTML) 6 Page - Analog Devices |
6 / 28 page AD7440/AD7450A Rev. C | Page 6 of 28 Parameter Test Conditions/Comments B Version Unit CONVERSION RATE Conversion Time 888 ns with an 18 MHz SCLK 16 SCLK cycles Track-and-Hold Acquisition Time2 Sine wave input 200 ns max Step input 290 ns max Throughput Rate 1 MSPS max POWER REQUIREMENTS VDD Range: 3 V + 20%/–10%; 5 V ± 5% 2.7/5.25 V min/V max IDD8 Normal Mode (Static) SCLK on or off 0.5 mA typ Normal Mode (Operational) VDD = 4.75 V to 5.25 V 1.95 mA max VDD = 2.7 V to 3.6 V 1.45 mA max Full Power-Down Mode SCLK on or off 1 μA max Power Dissipation Normal Mode (Operational) VDD = 5 V, 1.55 mW typ for 100 kSPS9 9.25 mW max VDD = 3 V, 0.6 mW typ for 100 kSPS9 4 mW max Full Power-Down VDD = 5 V, SCLK on or off 5 μW max VDD = 3 V, SCLK on or off 3 μW max 1 Common-mode voltage. The input signal can be centered on a dc common-mode voltage in the range specified in Figure 28 and Figure 29. 2 See the Terminology section. 3 Analog inputs with slew rates exceeding 27 V/μs (full-scale input sine wave > 3.5 MHz) within the acquisition time can cause the converter to return an incorrect result. 4 Because the input spans of VIN+ and VIN– are both VREF and are 180° out of phase, the differential voltage is 2 × VREF. 5 The AD7450A is functional with a reference input from 100 mV and for VDD = 5 V; the reference can range up to 3.5 V. 6 The AD7450A is functional with a reference input from 100 mV and for VDD = 3 V; the reference can range up to 2.2 V. 7 Guaranteed by characterization. 8 Measured with a midscale dc input. 9 See the Power vs. Throughput section. |
Similar Part No. - AD7440BRT-REEL7 |
|
Similar Description - AD7440BRT-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |