Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450BRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7450BRZ
Description  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450BRZ Datasheet(HTML) 5 Page - Analog Devices

  AD7450BRZ Datasheet HTML 1Page - Analog Devices AD7450BRZ Datasheet HTML 2Page - Analog Devices AD7450BRZ Datasheet HTML 3Page - Analog Devices AD7450BRZ Datasheet HTML 4Page - Analog Devices AD7450BRZ Datasheet HTML 5Page - Analog Devices AD7450BRZ Datasheet HTML 6Page - Analog Devices AD7450BRZ Datasheet HTML 7Page - Analog Devices AD7450BRZ Datasheet HTML 8Page - Analog Devices AD7450BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AD7450
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7450 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to
avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VIN+ to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VIN– to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
VREF to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2
. . . . . . .
±10 mA
Operating Temperature Range
Commercial (A and B Version) . . . . . . . . . –40
oC to +85oC
Storage Temperature Range . . . . . . . . . . . . –65
oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
oC
SOIC,
µSOIC Package, Power Dissipation . . . . . . . . 450 mW
JA Thermal Impedance . . . . . . . . . . . . . . . .
157
°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . 205.9
°C/W (µSOIC)
JC Thermal Impedance . . . . . . . . . . . . . . . . .
56
°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . 43.74
°C/W (µSOIC)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . . 215
oC
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
oC
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV
NOTES
1Stresses above those listed under the Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
TO
OUTPUT
PIN
CL
50pF
1.6V
200 A
IOL
200 A
IOH
Figure 2. Load Circuit for Digital Output Timing
Specifications
Rev. A


Similar Part No. - AD7450BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRZ AD-AD7450BRZ Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com