Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ABRTZ-REEL72 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7450ABRTZ-REEL72
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRTZ-REEL72 Datasheet(HTML) 5 Page - Analog Devices

  AD7450ABRTZ-REEL72 Datasheet HTML 1Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 2Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 3Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 4Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 5Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 6Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 7Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 8Page - Analog Devices AD7450ABRTZ-REEL72 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 5 of 28
AD7450A–SPECIFICATIONS
Table 2. VDD = 2.7 V to 3.6 V, fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.0 V; VDD = 4.75 V to 5.25 V, fSCLK = 18 MHz, fS = 1 MSPS,
VREF = 2.5 V; VCM1 = VREF
A
MIN
MAX
; T = T
to T
, unless otherwise noted. Temperature range for B Version: –40°C to +85°C.
Parameter
Test Conditions/Comments
B Version
Unit
DYNAMIC PERFORMANCE
fIN = 100 kHz
Signal-to-(Noise + Distortion) (SINAD)2
70
dB min
Total Harmonic Distortion (THD)2
VDD = 4.75 V to 5.25 V, –86 dB typ
–76
dB max
VDD = 2.7 V to 3.6 V, –84 dB typ
–74
dB max
Peak Harmonic or Spurious Noise2
VDD = 4.75 V to 5.25 V, –86 dB typ
–76
dB max
VDD = 2.7 V to 3.6 V, –84 dB typ
–74
dB max
Intermodulation Distortion (IMD)2
fa = 90 kHz, fb = 110 kHz
Second-Order Terms
–89
dB typ
Third-Order Terms
–89
dB typ
Aperture Delay2
5
ns typ
Aperture Jitter2
50
ps typ
Full Power Bandwidth2, 3
@ –3 dB
20
MHz typ
@ –0.1 dB
2.5
MHz typ
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2
±1
LSB max
Differential Nonlinearity (DNL)2
Guaranteed no missed codes to 12 bits
±0.95
LSB max
Zero-Code Error2
±6
LSB max
Positive Gain Error2
±2
LSB max
Negative Gain Error2
±2
LSB max
ANALOG INPUT
Full-Scale Input Span
2 × VREF 4
VIN+ – VIN–
V
Absolute Input Voltage
VIN+
VCM = VREF
VCM ± VREF/2
V
VIN–
VCM = VREF
VCM ± VREF/2
V
DC Leakage Current
±1
μA max
Input Capacitance
When in track-and-hold
30/10
pF typ
REFERENCE INPUT
VREF Input Voltage
VDD = 4.75 V to 5.25 V
(±1% tolerance for specified performance)
2.55
V
VDD = 2.7 V to 3.6 V
(±1% tolerance for specified performance)
2.06
V
DC Leakage Current
±1
μA max
VREF Input Capacitance
When in track-and-hold
10/30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
Typically 10 nA, VIN = 0 V or VDD
±1
μA max
Input Capacitance, CIN7
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD = 4.75 V to 5.25 V; ISOURCE = 200 μA
2.8
V min
VDD = 2.7 V to 3.6 V; ISOURCE = 200 μA
2.4
V min
Output Low Voltage, VOL
ISINK = 200 μA
0.4
V max
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance7
10
pF max
Output Coding
Twos complement


Similar Part No. - AD7450ABRTZ-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450ABRTZ-REEL7 AD-AD7450ABRTZ-REEL7 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Similar Description - AD7450ABRTZ-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com