Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7723 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 5 Page - Analog Devices

  AD7723 Datasheet HTML 1Page - Analog Devices AD7723 Datasheet HTML 2Page - Analog Devices AD7723 Datasheet HTML 3Page - Analog Devices AD7723 Datasheet HTML 4Page - Analog Devices AD7723 Datasheet HTML 5Page - Analog Devices AD7723 Datasheet HTML 6Page - Analog Devices AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7723
Rev. C | Page 5 of 32
B Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC OUPUTS
VOH, Output High Voltage
|IOUT| = 200 µA
4.0
V
VOL, Output Low Voltage
|IOUT| = 1.6 mA
0.4
V
POWER SUPPLIES
AVDD
4.75
5.25
V
IAVDD
HALF_PWR = Logic Low
50
60
mA
HALF_PWR = Logic High
25
33
mA
DVDD
4.75
5.25
V
IDVDD
HALF_PWR = Logic Low
25
35
mA
HALF_PWR = Logic High
15
20
mA
Power Consumption6
Standby Mode
200
µW
1 Operating temperature range is −40°C to +85°C (B: Version).
2 Typical values for SNR apply for parts soldered directly to the PCB ground plane.
3 Dynamic specifications apply for input signal frequencies from dc to 0.0240 × fCLKIN in decimate by 16 mode and from dc to 0.0120 × fCLKIN in decimate by 32 mode.
4 When using the internal reference, THD and SFDR specifications apply only to input signals above 10 kHz with a 10 µF decoupling capacitor between REF2 and
AGND2. At frequencies below 10 kHz, THD degrades to 84 dB and SFDR degrades to 86 dB.
5 Gain error excludes reference error.
6 CLKIN and digital inputs static and equal to 0 or DVDD.


Similar Part No. - AD7723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723 AD-AD7723 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723BS AD-AD7723BS Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BS AD-AD7723BS Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723BS-REEL AD-AD7723BS-REEL Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
More results

Similar Description - AD7723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com