Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9057BRSZ-40 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9057BRSZ-40
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057BRSZ-40 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9057BRSZ-40 Datasheet HTML 4Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 5Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 6Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 7Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 8Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 9Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 10Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 11Page - Analog Devices AD9057BRSZ-40 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. D
AD9057
–10–
U4
74AC00
1
2
3
U4
74AC00
4
5
6
U4
74AC00
12
13
11
U4
74AC00
9
10
8
R7
50
PWRDN
VREF OUT
VREF IN
GND
VD
BIAS OUT
AIN
VD
GND
ENC
1
2
3
4
5
6
7
8
9
10
(LSB) D0
D1
D2
D3
GND
VDD
D4
D5
D6
(MSB) D7
20
19
18
17
16
15
14
13
12
11
D0
D1
D2
D3
GND
VDD
D4
D5
D6
D7
GND
5V
5V
GND
E12
E11
E10
C2
0.1 F
R6
10
C1
0.1 F
E4
E5
E6
J6, REF
GND
PWRDN
5V
E7
E9
E8
R5
2k
R10
500
R4
2k
8
7
6
5
DIS
+VS
NC
NC
–VS
U2
AD8041Q
C17
0.1 F
1
R2
1k
E2
R1
50
BNC
J1
ANALOG IN
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
2
3
4
5
6
7
8
9
10
(LSB)
(MSB)
CLOCK
DVDD
AVDD
COMP2
COMP1
FS ADJ
REFIO
REFLO
SLEEP
IOUT
AB
28
DAC
AD9760AR
27
24
23
19
18
17
16
15
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
GND
GND
22
21
PWRDN
5V
5V
5V
C18
0.1 F
C19
0.1 F
R9
2k
C13
0.1 F
R11
50
R8
50
BNC
J2
1
2
3
4
5
6
7
8
C37DRPF
P2
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
8D
7D
6D
5D
4D
3D
2D
1D
12
13
14
15
16
17
18
19
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
9
8
7
6
5
4
3
2
CK
OE
1
11
D7
D6
D5
D4
D3
D2
D1
D0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
U3
74ACQ574
R3
1k
BNC
J3
ENCODE
ANALOG
RECONSTRUCT
DAC OUT
C11
10 F
C10
0.1 F
+
J7, VDD
VDD
J4, GND
C14
0.1 F
C8
0.1 F
C7
0.1 F
C12
10 F
C9
0.1 F
C5
0.1 F
C4
0.1 F
+
C3
0.1 F
J5, 5V
DECOUPLING CAPS
2
3
4
E1
E3
AD9057
Figure 7. Evaluation Board Schematic


Similar Part No. - AD9057BRSZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results

Similar Description - AD9057BRSZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com