Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7676 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7676
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7676 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7676 Datasheet HTML 2Page - Analog Devices AD7676 Datasheet HTML 3Page - Analog Devices AD7676 Datasheet HTML 4Page - Analog Devices AD7676 Datasheet HTML 5Page - Analog Devices AD7676 Datasheet HTML 6Page - Analog Devices AD7676 Datasheet HTML 7Page - Analog Devices AD7676 Datasheet HTML 8Page - Analog Devices AD7676 Datasheet HTML 9Page - Analog Devices AD7676 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7654
Rev. B | Page 6 of 28
Parameter
Symbol
Min
Typ
Max
Unit
SLAVE SERIAL INTERFACE MODES (see Figure 32 and Figure 33)
External SCLK Setup Time
t38
5
ns
External SCLK Active Edge to SDOUT Delay
t39
3
18
ns
SDIN Setup Time
t40
5
ns
SDIN Hold Time
t41
5
ns
External SCLK Period
t42
25
ns
External SCLK High
t43
10
ns
External SCLK Low
t44
10
ns
1 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise CL is 60 pF maximum.
2 In serial master read during convert mode. See Table 4 for serial master read after convert mode.
Table 4. Serial Clock Timings in Master Read After Convert
DIVSCLK[1]
0
0
1
1
DIVSCLK[0]
Symbol
0
1
0
1
Unit
SYNC to SCLK First Edge Delay Minimum
t25
3
17
17
17
ns
Internal SCLK Period Minimum
t26
25
50
100
200
ns
Internal SCLK Period Typical
t26
40
70
140
280
ns
Internal SCLK High Minimum
t27
12
22
50
100
ns
Internal SCLK Low Minimum
t28
7
21
49
99
ns
SDOUT Valid Setup Time Minimum
t29
4
18
18
18
ns
SDOUT Valid Hold Time Minimum
t30
2
4
30
80
ns
SCLK Last Edge to SYNC Delay Minimum
t31
1
3
30
80
ns
Busy High Width Maximum (Normal)
t35
3.25
4.25
6.25
10.75
μs
Busy High Width Maximum (Impulse)
t35
3.5
4.5
6.5
11
μs


Similar Part No. - AD7676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7676 AD-AD7676 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
AD7676 AD-AD7676 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7676 AD-AD7676 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com