Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9739
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9739 Datasheet HTML 2Page - Analog Devices AD9739 Datasheet HTML 3Page - Analog Devices AD9739 Datasheet HTML 4Page - Analog Devices AD9739 Datasheet HTML 5Page - Analog Devices AD9739 Datasheet HTML 6Page - Analog Devices AD9739 Datasheet HTML 7Page - Analog Devices AD9739 Datasheet HTML 8Page - Analog Devices AD9739 Datasheet HTML 9Page - Analog Devices AD9739 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 6 of 48
SERIAL PORT SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V.
Table 3.
Parameter
Min
Typ
Max
Unit
WRITE OPERATION (See Figure 36)
SCLK Clock Rate, fSCLK (or /tSCLK)
20
MHz
SCLK Clock High, tHI
18
ns
SCLK Clock Low, tLOW
18
ns
SDIO to SCLK Setup Time, tDS
2
ns
SCLK to SDIO Hold Time, tDH
1
ns
CS to SCLK Setup Time, tS
3
ns
SCLK to CS Hold Time, tH
2
ns
READ OPERATION (See Figure 37 and Figure 38)
SCLK Clock Rate, fSCLK (or /tSCLK)
20
MHz
SCLK Clock High, tHI
18
ns
SCLK Clock Low, tLOW
18
ns
SDIO to SCLK Setup Time, tDS
2
ns
SCLK to SDIO Hold Time, tDH
1
ns
CS to SCLK Setup Time, tS
3
ns
SCLK to SDIO (or SDO) Data Valid Time, tDV
15
ns
CS to SDIO (or SDO) Output Valid to High-Z, tEZ
2
ns
INPUTS (SDIO, SCLK, CS)
Voltage in High, VIH
2.0
3.3
V
Voltage in Low, VIL
0
0.8
V
Current in High, IIH
−10
+10
μA
Current in Low, IIL
−10
+10
μA
OUTPUT (SDIO)
Voltage Out High, VOH
2.4
3.5
V
Voltage Out Low, VOL
0
0.4
V
Current Out High, IOH
4
mA
Current Out Low, IOL
4
mA


Similar Part No. - AD9739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739-R2-EBZ AD-AD9739-R2-EBZ Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9739A AD-AD9739A Datasheet
4Mb / 64P
   RF Digital-to-Analog Converters
AD9739A-EBZ AD-AD9739A-EBZ Datasheet
2Mb / 64P
   11-/14-Bit, 2.5 GSPS
REV. C
More results

Similar Description - AD9739

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9119 AD-AD9119 Datasheet
2Mb / 68P
   11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com