Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 10 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 6Page - Analog Devices AD9739BBC Datasheet HTML 7Page - Analog Devices AD9739BBC Datasheet HTML 8Page - Analog Devices AD9739BBC Datasheet HTML 9Page - Analog Devices AD9739BBC Datasheet HTML 10Page - Analog Devices AD9739BBC Datasheet HTML 11Page - Analog Devices AD9739BBC Datasheet HTML 12Page - Analog Devices AD9739BBC Datasheet HTML 13Page - Analog Devices AD9739BBC Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 10 of 48
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
IRQ
CS
SCLK
RESET
SDIO
SDO
I120
VREF
IPTAT
Figure 6. Analog I/O and SPI Control Pins (Top View)
Table
7. AD9739 Pin Function Descriptions
Pin No.
Mnemonic
Description
C1, C2, D1, D2, E1, E2, E3, E4
VDDC
1.8 V Clock Supply Input.
A1, A2, A3, A4, A5, B1, B2, B3, B4, B5, C4,
C5, D4, D5
VSSC
Clock Supply Return.
A10, A11, B10, B11, C10, C11, D10, D11
VDDA
3.3 V Analog Supply Input.
A12, A13, B12, B13, C12, C13, D12, D13,
VSSA
Analog Supply Return.
A6, A9, B6, B9, C6, C9, D6, D9, F1, F2, F3,
F4, E11, E12, E13, E14, F11, F12
VSSA Shield
Analog Supply Return Shield. Tie to VSSA at the DAC.
A14
NC
No Connect. Do not connect to this pin.
A7, B7, C7, D7
IOUTN
DAC Negative Current Output Source.
A8, B8, C8, D8
IOUTP
DAC Positive Current Output Source.
B14
I120
Nominal 1.2 V Reference. Tie to analog ground via a 10 kΩ
resistor to generate a 120 μA reference current.
C14
VREF
Voltage Reference Input/Output. Decouple to VSSA with a
1 nF capacitor.
D14
NC
Factory Test Pin. Do not connect to this pin.
C3, D3
DACCLK_N/DACCLK_P
Negative/Positive DAC Clock Input (DACCLK).
F13
IRQ
Interrupt Request Open Drain Output. Active high. Pull up to
VDD33 with a 10 kΩ resistor.
F14
RESET
Reset Input. Active high. Tie to VSS if unused.
G13
CS
Serial Port Enable Input.
G14
SDIO
Serial Port Data Input/Output.
H13
SCLK
Serial Port Clock Input.
H14
SDO
Serial Port Data Output.
J3, J4, J11, J12
VDD33
3.3 V Digital Supply Input.
G1, G2, G3, G4, G11, G12
VDD
1.8 V Digital Supply. Input.
H1, H2, H3, H4, H11, H12, K3, K4, K11, K12
VSS
Digital Supply Return.
J1, J2
SYNC_OUT_P/SYNC_OUT_N
Positive/Negative SYNC Output (SYNC_OUT)
K1, K2
SYNC_IN_P/SYNC_IN_N
Positive/Negative SYNC Input (SYNC_IN)
J13, J14
DCO_P/DCO_N
Positive/Negative Data Clock Output (DCO).
K13, K14
DCI_P/DCI_N
Positive/Negative Data Clock Input (DCI).
L1, M1
DB1[0]P/DB1[0]N
Port 1 Positive/Negative Data Input Bit 0.
L2, M2
DB1[1]P/DB1[1]N
Port 1 Positive/Negative Data Input Bit 1.
L3, M3
DB1[2]P/DB1[2]N
Port 1 Positive/Negative Data Input Bit 2.
L4, M4
DB1[3]P/DB1[3]N
Port 1 Positive/Negative Data Input Bit 3.
L5, M5
DB1[4]P/DB1[4]N
Port 1 Positive/Negative Data Input Bit 4.
L6, M6
DB1[5]P/DB1[5]N
Port 1 Positive/Negative Data Input Bit 5.


Similar Part No. - AD9739BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739BBC AD-AD9739BBC Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCRL AD-AD9739BBCRL Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZRL AD-AD9739BBCZRL Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
More results

Similar Description - AD9739BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9119 AD-AD9119 Datasheet
2Mb / 68P
   11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com