Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9742ACPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9742ACPZ
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9742ACPZ Datasheet HTML 5Page - Analog Devices AD9742ACPZ Datasheet HTML 6Page - Analog Devices AD9742ACPZ Datasheet HTML 7Page - Analog Devices AD9742ACPZ Datasheet HTML 8Page - Analog Devices AD9742ACPZ Datasheet HTML 9Page - Analog Devices AD9742ACPZ Datasheet HTML 10Page - Analog Devices AD9742ACPZ Datasheet HTML 11Page - Analog Devices AD9742ACPZ Datasheet HTML 12Page - Analog Devices AD9742ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD9742
Rev. C | Page 9 of 32
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
65MSPS
210MSPS
210MSPS (LFCSP)
125MSPS
165MSPS
Figure 11. Single-Tone SFDR vs. AOUT @ fOUT = fCLOCK/11
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
165MSPS
65MSPS
165MSPS (LFCSP)
125MSPS (LFCSP)
125MSPS
210MSPS
210MSPS (LFCSP)
Figure 12. Single-Tone SFDR vs. AOUT @ fOUT = fCLOCK/5
50
55
60
65
70
75
80
25
45
65
85
105
125
145
165
205
185
fCLOCK (MHz)
20mA
10mA
5mA
Figure 13. SNR vs. fCLOCK and IOUTFS@ fOUT = 5 MHz and 0 dBFS
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
65MSPS (8.3,10.3)
78MSPS (10.1,12.1)
125MSPS (16.9, 18.9)
165MSPS (22.6, 24.6)
210MSPS (29, 31)
210MSPS (29, 31)
Figure 14. Dual-Tone IMD vs. AOUT @ fOUT = fCLOCK/7
–1.0
–0.5
0
0.5
1.0
CODE
1024
0
2048
3072
4096
Figure 15. Typical INL
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CODE
1024
0
2048
3072
4096
Figure 16. Typical DNL


Similar Part No. - AD9742ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742AR AD-AD9742AR Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9742ARU AD-AD9742ARU Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9742ACPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com