Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9742 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9742
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 4 Page - Analog Devices

  AD9742 Datasheet HTML 1Page - Analog Devices AD9742 Datasheet HTML 2Page - Analog Devices AD9742 Datasheet HTML 3Page - Analog Devices AD9742 Datasheet HTML 4Page - Analog Devices AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9742
Data Sheet
Rev. C | Page 4 of 32
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly
terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
210
MSPS
Output Settling Time (tST) (to 0.1%)1
11
ns
Output Propagation Delay (tPD)
1
ns
Glitch Impulse
5
pV-sec
Output Rise Time (10% to 90%)1
2.5
ns
Output Fall Time (10% to 90%)1
2.5
ns
Output Noise (IOUTFS = 20 mA)2
50
pA/√Hz
Output Noise (IOUTFS = 2 mA)2
30
pA/√Hz
Noise Spectral Density3
−152
dBm/Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
0 dBFS Output
74
84
dBc
−6 dBFS Output
85
dBc
−12 dBFS Output
82
dBc
−18 dBFS Output
76
dBc
fCLOCK = 65 MSPS; fOUT = 1.00 MHz
85
dBc
fCLOCK = 65 MSPS; fOUT = 2.51 MHz
83
dBc
fCLOCK = 65 MSPS; fOUT = 10 MHz
80
dBc
fCLOCK = 65 MSPS; fOUT = 15 MHz
75
dBc
fCLOCK = 65 MSPS; fOUT = 25 MHz
74
dBc
fCLOCK = 165 MSPS; fOUT = 21 MHz
72
dBc
fCLOCK = 165 MSPS; fOUT = 41 MHz
60
dBc
fCLOCK = 210 MSPS; fOUT = 40 MHz
67
dBc
fCLOCK = 210 MSPS; fOUT = 69 MHz
60
dBc
Spurious-Free Dynamic Range within a Window
fCLOCK = 25 MSPS; fOUT = 1.00 MHz; 2 MHz Span
80
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
90
dBc
fCLOCK = 65 MSPS; fOUT = 5.03 MHz; 2.5 MHz Span
90
dBc
fCLOCK = 125 MSPS; fOUT = 5.04 MHz; 4 MHz Span
90
dBc
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
−82
−74
dBc
fCLOCK = 50 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 65 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 125 MSPS; fOUT = 2.00 MHz
−77
dBc
Signal-to-Noise Ratio
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
78
dB
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
86
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
73
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
78
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
69
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
71
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
69
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
66
dB


Similar Part No. - AD9742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9742 AD-AD9742 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9742-EB AD-AD9742-EB Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9742AR AD-AD9742AR Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9742ARU AD-AD9742ARU Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com