Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9912 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9912
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9912 Datasheet HTML 2Page - Analog Devices AD9912 Datasheet HTML 3Page - Analog Devices AD9912 Datasheet HTML 4Page - Analog Devices AD9912 Datasheet HTML 5Page - Analog Devices AD9912 Datasheet HTML 6Page - Analog Devices AD9912 Datasheet HTML 7Page - Analog Devices AD9912 Datasheet HTML 8Page - Analog Devices AD9912 Datasheet HTML 9Page - Analog Devices AD9912 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9912
Rev. F | Page 6 of 40
AC SPECIFICATIONS
fS = 1 GHz, DAC RSET = 10 kΩ, unless otherwise noted. Power supply pins within the range specified in the DC Specifications section.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FDBK_IN INPUT
Pin 40, Pin 41
Input Frequency Range
10
400
MHz
Minimum Differential Input Level
225
mV p-p
−12 dBm into 50 Ω; must be ac-coupled
40
V/μs
SYSTEM CLOCK INPUT
Pin 27, Pin 28
SYSCLK PLL Bypassed
Input Frequency Range
250
1000
MHz
Maximum fOUT is 0.4 × fSYSCLK
Duty Cycle
45
55
%
Minimum Differential Input Level
632
mV p-p
Equivalent to 316 mV swing on each leg
SYSCLK PLL Enabled
VCO Frequency Range, Low Band
700
810
MHz
When in the range, use the low VCO band exclusively
VCO Frequency Range, Auto Band
810
900
MHz
When in the range, use the VCO auto band select
VCO Frequency Range, High Band
900
1000
MHz
When in the range, use the high VCO band exclusively
Maximum Input Rate of System
Clock PFD
200
MHz
Without SYSCLK PLL Doubler
Input Frequency Range
11
200
MHz
Multiplication Range
4
66
Integer multiples of 2, maximum PFD rate and system clock
frequency must be met
Minimum Differential Input Level
632
mV p-p
Equivalent to 316 mV swing on each leg
With SYSCLK PLL Doubler
Input Frequency Range
6
100
MHz
Multiplication Range
8
132
Integer multiples of 8
Input Duty Cycle
50
%
Deviating from 50% duty cycle may adversely affect
spurious performance
Minimum Differential Input Level
632
mV p-p
Equivalent to 316 mV swing on each leg
Crystal Resonator with SYSCLK PLL
Enabled
Crystal Resonator Frequency Range
10
50
MHz
AT cut, fundamental mode resonator
Maximum Crystal Motional Resistance
100
Ω
See the SYSCLK Inputs section for recommendations
CLOCK DRIVERS
HSTL Output Driver
Frequency Range
20
725
MHz
See Figure 27 for maximum toggle rate
Duty Cycle
48
52
%
Rise Time/Fall Time (20% to 80%)
115
165
ps
100 Ω termination across OUT/OUTB, 2 pF load
Jitter (12 kHz to 20 MHz)
1.5
ps
fOUT = 155.52 MHz, 50 MHz system clock input (see Figure
12
through Figure 14 for test conditions)
HSTL Output Driver with 2× Multiplier
Frequency Range
400
725
MHz
Duty Cycle
45
55
%
Rise Time/Fall Time (20% to 80%)
115
165
ps
100 Ω termination across OUT/OUTB, 2 pF load
Subharmonic Spur Level
−35
dBc
Without correction
Jitter (12 kHz to 20 MHz)
1.6
ps
fOUT = 622.08 MHz, 50 MHz system clock input (see Figure
15
for test conditions)
CMOS Output Driver
(AVDD3/Pin 37) @ 3.3 V
Frequency Range
0.008
150
MHz
See Figure 29 for maximum toggle rate; the S-divider
should be used for low frequencies because the FDBK_IN
minimum frequency is 10 MHz
Duty Cycle
45
55
65
%
With 20 pF load and up to 150 MHz
Rise Time/Fall Time (20% to 80%)
3
4.6
ns
With 20 pF load


Similar Part No. - AD9912

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
More results

Similar Description - AD9912

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9915 AD-AD9915 Datasheet
877Kb / 48P
   2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858 Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com