Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671L8152 Datasheet(PDF) 8 Page - EPCOS

Part # B32671L8152
Description  Metallized Polypropylene Film Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L8152 Datasheet(HTML) 8 Page - EPCOS

Back Button B32671L8152 Datasheet HTML 4Page - EPCOS B32671L8152 Datasheet HTML 5Page - EPCOS B32671L8152 Datasheet HTML 6Page - EPCOS B32671L8152 Datasheet HTML 7Page - EPCOS B32671L8152 Datasheet HTML 8Page - EPCOS B32671L8152 Datasheet HTML 9Page - EPCOS B32671L8152 Datasheet HTML 10Page - EPCOS B32671L8152 Datasheet HTML 11Page - EPCOS B32671L8152 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VRMS
f
≤1 kHz
V AC
VR
V DC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerances on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
700
2000
10
7.0
× 12.5 × 18.0 B32672L8103+*** 3320
3600
4000
12
8.5
× 14.5 × 18.0 B32672L8123+*** 2720
2800
2000
15
8.5
× 14.5 × 18.0 B32672L8153+*** 2720
2800
2000
22
9.0
× 17.5 × 18.0 B32672L8223+*** 2560
2800
2000
33
11.0
× 18.5 × 18.0 B32672L8333J***
2200
1000
900
2000
0.68
5.0
× 10.5 × 18.0 B32672L9681+*** 4680
5200
4000
1.0
5.0
× 10.5 × 18.0 B32672L9102+*** 4680
5200
4000
1.2
6.0
× 11.0 × 18.0 B32672L9122J***
3840
4400
4000
1.5
6.0
× 11.0 × 18.0 B32672L9152+*** 3840
4400
4000
2.2
7.0
× 12.5 × 18.0 B32672L9222+*** 3320
3600
4000
2.7
8.0
× 14.5 × 18.0 B32672L9272J***
2920
3000
2000
3.3
8.5
× 14.5 × 18.0 B32672L9332+*** 2720
2800
2000
3.9
9.0
× 17.5 × 18.0 B32672L9392J***
2560
2800
2000
4.7
9.0
× 17.5 × 18.0 B32672L9472+*** 2560
2800
2000
5.6
11.0
× 18.5 × 18.0 B32672L9562+***
2200
1000
6.2
11.0
× 18.5 × 18.0 B32672L9622J***
2200
1000
6.8
11.0
× 18.5 × 18.0 B32672L9682K***
2200
1000
B32672L
High V AC, high temperature (wound)
Page 8 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L8152

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L8152 EPCOS-B32671L8152 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32671L8152 TDK-B32671L8152 Datasheet
276Kb / 16P
   Metallized Polypropylene Film Capacitors
B32671L8152 TDK-B32671L8152 Datasheet
546Kb / 30P
   Metallized Polypropylene Film Capacitors
B32671L8152 TDK-B32671L8152 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L8152

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com