Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1401 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1401
Description  Quad-Channel Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1401 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1401 Datasheet HTML 1Page - Analog Devices ADUM1401 Datasheet HTML 2Page - Analog Devices ADUM1401 Datasheet HTML 3Page - Analog Devices ADUM1401 Datasheet HTML 4Page - Analog Devices ADUM1401 Datasheet HTML 5Page - Analog Devices ADUM1401 Datasheet HTML 6Page - Analog Devices ADUM1401 Datasheet HTML 7Page - Analog Devices ADUM1401 Datasheet HTML 8Page - Analog Devices ADUM1401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADuM1400/ADuM1401/ADuM1402
Data Sheet
Rev. H | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
Electrical Characteristics—5 V, 105°C Operation ................... 4
 
Electrical Characteristics—3 V, 105°C Operation ................... 6
 
Electrical Characteristics—Mixed 5 V/3 V or 3 V/5 V,
105°C Operation........................................................................... 8
 
Electrical Characteristics—5 V, 125°C Operation ................. 11
 
Electrical Characteristics—3 V, 125°C Operation ................. 13
 
Electrical Characteristics—Mixed 5 V/3 V, 125°C Operation 15
 
Electrical Characteristics—Mixed 3 V/5 V, 125°C Operation 17
 
Package Characteristics ............................................................. 19
 
Regulatory Information............................................................. 19
 
Insulation and Safety-Related Specifications.......................... 19
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 20
 
Recommended Operating Conditions .................................... 20
 
Absolute Maximum Ratings ......................................................... 21
 
ESD Caution................................................................................ 21
 
Pin Configurations and Function Descriptions ......................... 22
 
Typical Performance Characteristics ........................................... 25
 
Applications Information .............................................................. 27
 
PC Board Layout ........................................................................ 27
 
Propagation Delay-Related Parameters................................... 27
 
DC Correctness and Magnetic Field Immunity..................... 27
 
Power Consumption .................................................................. 28
 
Insulation Lifetime ..................................................................... 29
 
Outline Dimensions ....................................................................... 30
 
Ordering Guide .......................................................................... 30
 
Automotive Products ................................................................. 31
 


Similar Part No. - ADUM1401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1401 AD-ADuM1401 Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401 AD-ADUM1401 Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401 AD-ADUM1401 Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401ARW AD-ADUM1401ARW Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401ARW AD-ADUM1401ARW Datasheet
797Kb / 24P
   Quad-Channel Digital Isolators
REV. B
More results

Similar Description - ADUM1401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com