Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL343BCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL343BCCZ
Description  Digital MEMS Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL343BCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADXL343BCCZ Datasheet HTML 1Page - Analog Devices ADXL343BCCZ Datasheet HTML 2Page - Analog Devices ADXL343BCCZ Datasheet HTML 3Page - Analog Devices ADXL343BCCZ Datasheet HTML 4Page - Analog Devices ADXL343BCCZ Datasheet HTML 5Page - Analog Devices ADXL343BCCZ Datasheet HTML 6Page - Analog Devices ADXL343BCCZ Datasheet HTML 7Page - Analog Devices ADXL343BCCZ Datasheet HTML 8Page - Analog Devices ADXL343BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADXL343
Rev. 0 | Page 5 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration
Any Axis, Unpowered
10,000 g
Any Axis, Powered
10,000 g
VS
−0.3 V to +3.9 V
VDD I/O
−0.3 V to +3.9 V
Digital Pins
−0.3 V to VDD I/O + 0.3 V or 3.9 V,
whichever is less
All Other Pins
−0.3 V to +3.9 V
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
Temperature Range
Powered
−40°C to +105°C
Storage
−40°C to +105°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
14-Terminal LGA
150°C/W
85°C/W
30 mg
PACKAGE INFORMATION
The information in Figure 2 and Table 4 provide details about
the package branding for the ADXL343. For a complete listing
of product availability, see the Ordering Guide section.
3 4 3 B
# y w w
v v v v
C N T Y
Figure 2. Product Information on Package (Top View)
Table 4. Package Branding Information
Branding Key
Field Description
343B
Part identifier for the ADXL343
#
RoHS-compliant designation
yww
Date code
vvvv
Factory lot code
CNTY
Country of origin
ESD CAUTION


Similar Part No. - ADXL343BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
More results

Similar Description - ADXL343BCCZ

ManufacturerPart #DatasheetDescription
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
   MEMS ACCELEROMETER
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com