Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7401WBSTZ-110 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7401WBSTZ-110
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7401WBSTZ-110 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7401WBSTZ-110 Datasheet HTML 3Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 4Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 5Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 6Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 9Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 10Page - Analog Devices ADV7401WBSTZ-110 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV7401
Rev. B | Page 7 of 20
TIMING CHARACTERISTICS
@ AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. Operating temperature range,
unless otherwise noted.
Table 3.
Parameter1, 2, 3
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
28.63636
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
14.8
110
kHz
LLC1 Frequency Range4
12.825
140
MHz
I2C PORT5
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
μs
SCLK Min Pulse Width Low
t2
1.3
μs
Hold Time (Start Condition)
t3
0.6
μs
Setup Time (Start Condition)
t4
0.6
μs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
μs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA and CONTROL OUTPUTS
Data Output Transition Time SDR (SDP)6
t11
Negative clock edge
to start of valid data
3.6
ns
Data Output Transition Time SDR (SDP)6
t12
End of valid data to
negative clock edge
2.4
ns
Data Output Transition Time SDR (CP)7
t13
End of valid data to
negative clock edge
2.8
ns
Data Output Transition Time SDR (CP)7
t14
Negative clock edge
to start of valid data
0.1
ns
Data Output Transition Time DDR (CP)7, 8
t15
Positive clock edge to
end of valid data
−4 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t16
Positive clock edge to
start of valid data
0.25 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t17
Negative clock edge
to end of valid data
−2.95 + TLLC1/4
ns
Data Output Transition Time DDR (CP)7, 8
t18
Negative clock edge
to start of valid data
−0.5 + TLLC1/4
ns
DATA and CONTROL INPUTS5
Input Setup Time (Digital Input Port)
t19
HS_IN, VS_IN
9
ns
DE_IN, data inputs
2.2
ns
Input Hold Time (Digital Input Port)
t20
HS_IN, VS_IN
7
ns
DE_IN, data inputs
2
ns
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7401KSTZ-140).
3 Guaranteed by characterization.
4 Maximum LLC1 frequency is 80 MHz for ADV7401BSTZ-80 and is 110 MHz for ADV7401BSTZ-110.
5 TTL input values are 0 V to 3 V, with rise/fall times ≤3 ns, measured between the 10% and 90% points.
6 SDP timing figures obtained using default drive strength value (0xD5) in Register Subaddress 0xF4.
7 CP timing figures obtained using max drive strength value (0xFF) in register subaddress 0xF4.
8 DDR timing specifications dependent on LLC1 output pixel clock; TLLC1/4 = 9.25 ns at LLC1 = 27 MHz.


Similar Part No. - ADV7401WBSTZ-110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

Similar Description - ADV7401WBSTZ-110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com