Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP121CB-3.3-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADP121CB-3.3-EVALZ
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121CB-3.3-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADP121CB-3.3-EVALZ Datasheet HTML 1Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 2Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 3Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 4Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 5Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 6Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 7Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 8Page - Analog Devices ADP121CB-3.3-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADP121
Rev. G | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.3 V, whichever is greater; EN = VIN; IOUT = 10 mA; CIN = COUT = 1 µF; TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN
T
J = −40°C to +125°C
2.3
5.5
V
OPERATING SUPPLY CURRENT
I
GND
I
OUT = 0 µA
11
µA
I
OUT = 0 µA, TJ = −40°C to +125°C
21
µA
I
OUT = 10 mA
15
µA
I
OUT = 10 mA, TJ = −40°C to +125°C
29
µA
I
OUT = 150 mA
30
µA
I
OUT = 150 mA, TJ = −40°C to +125°C
40
µA
SHUTDOWN CURRENT
I
GND-SD
EN = GND
0.1
µA
EN = GND, T
J = −40°C to +125°C
1.5
µA
FIXED OUTPUT VOLTAGE ACCURACY
V
OUT
I
OUT = 10 mA
−1
+1
%
100 µA < I
OUT < 150 mA,
V
IN = (VOUT + 0.5 V) to 5.5 V
−2
+2
%
100 µA < I
OUT < 150 mA,
V
IN = (VOUT + 0.5 V) to 5.5 V
T
J = −40°C to +125°C
−3
+3
%
REGULATION
Line Regulation
∆V
OUT/∆VIN
V
IN = (VOUT + 0.5 V) to 5.5 V, IOUT = 1 mA
T
J = −40°C to +125°C
−0.03
+0.03
%/V
Load Regulation1
∆V
OUT/∆IOUT
I
OUT = 1 mA to 150 mA
0.001
%/mA
I
OUT = 1 mA to 150 mA
T
J = −40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE2
V
DROPOUT
V
OUT = 3.3 V
TSOT
I
OUT = 10 mA
8
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
12
mV
I
OUT = 150 mA
120
mV
I
OUT = 150 mA, TJ = −40°C to +125°C
180
mV
WLCSP
I
OUT = 10 mA
6
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
9
mV
I
OUT = 150 mA
90
mV
I
OUT = 150 mA, TJ = −40°C to +125°C
135
mV
START-UP TIME3
T
START-UP
V
OUT = 3.3 V
120
µs
CURRENT-LIMIT THRESHOLD4
I
LIMIT
160
225
350
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TS
SD
T
J rising
150
°C
Thermal Shutdown Hysteresis
TS
SD-HYS
15
°C
EN INPUT
EN Input Logic High
V
IH
2.3 V ≤ V
IN ≤ 5.5 V
1.2
V
EN Input Logic Low
V
IL
2.3 V ≤ V
IN ≤ 5.5 V
0.4
V
EN Input Leakage Current
V
I-LEAKAGE
EN = VIN or GND
0.05
µA
EN = VIN or GND, T
J = −40°C to +125°C
1
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLO
RISE
2.25
V
Input Voltage Falling
UVLO
FALL
1.5
V
Hysteresis
UVLO
HYS
120
mV
OUTPUT NOISE
OUT
NOISE
10 Hz to 100 kHz, V
IN = 5 V, VOUT = 3.3 V
65
µV rms
10 Hz to 100 kHz, V
IN = 5 V, VOUT = 2.5 V
52
µV rms
10 Hz to 100 kHz, V
IN = 5 V, VOUT = 1.2 V
40
µV rms


Similar Part No. - ADP121CB-3.3-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121CB-3.3-EVALZ AD-ADP121CB-3.3-EVALZ Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP121CB-3.3-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com