Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1601G Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SF1601G
Description  16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF1601G Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SF1601G Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF1601G Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
8
6
4
10
13
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
SF1601G-SF1604G
SF1605G-SF1606G
SF1608G
®
SF1601G thru SF1608G


Similar Part No. - SF1601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF1601G WTE-SF1601G Datasheet
46Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF1601G TSC-SF1601G Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
RFE international
SF1601G RFE-SF1601G Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Taiwan Semiconductor Co...
SF1601G TSC-SF1601G Datasheet
610Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1601G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFA1604G THINKISEMI-SFA1604G Datasheet
409Kb / 2P
   16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diode
FES16DT THINKISEMI-FES16DT Datasheet
420Kb / 2P
   16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diode
US5A THINKISEMI-US5A Datasheet
775Kb / 2P
   5.0 Ampere SMD Glass Passivated Ultra Fast Recovery Rectifier Diodes
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com