Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP24A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 15KP24A
Description  Transient Voltage Supperssor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

15KP24A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  15KP24A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 15KP24A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 15KP24A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VR : 12 - 240 Volts
PPK : 15,000 Watts
Excellent Clamping Capability
Fast Response Time
Low Zener Impedance
Low Leakage Current
Case : Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
Polarity : Cathode polarity band
Mounting position : Any
Weight : 2.73 grams
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10X1000
µs, see Fig.1 )
PPK
15,000
Watts
Steady State Power Dissipation
PD
7.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
This pulse is a standard test waveform used for protection devices.
Fig. 1
IFSM
200
Amps.
T1 x 1.25 = 10
µs
1000
µs
0.1 IPP
0.5 IPP
0.9 IPP
IPP
(Peak Value)
Time
0.053 (1.35)
0.050 (1.27)
0.250 (6.4)
0.235 (6.0)
AR - L
Dimensions in inches and ( millimeter )
1.00 (25.4)
MIN.
0.410 (10.4)
0.380 (9.7)
15KP SERIES
Transient Voltage Supperssor
Features
Mechani
cal Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 15KP24A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP24A EIC-15KP24A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
15KP24A SUNMATE-15KP24A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP24A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10CA SUNMATE-P6KE10CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE27A SUNMATE-P6KE27A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE30A SUNMATE-P6KE30A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE33CA SUNMATE-P6KE33CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com