Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ20A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 5.0SMDJ20A
Description  For surface mounted applications in order to optimize board space
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

5.0SMDJ20A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  5.0SMDJ20A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ20A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 5.0SMDJ20A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5000 Watt Surface Mount TVS
UNI
BI
5.0SMDJ11A
5.0SMDJ11CA
5PEN 5BEN
11.0
12.20
13.50
10
18.2
275.0
800
5.0SMDJ12A
5.0SMDJ12CA
5PEP 5BEP
12.0
13.30
14.70
10
19.9
252.0
800
5.0SMDJ13A
5.0SMDJ13CA
5PEQ 5BEQ
13.0
14.40
15.90
10
21.5
233.0
500
5.0SMDJ14A
5.0SMDJ14CA
5PER 5BER
14.0
15.60
17.20
10
23.2
216.0
200
5.0SMDJ15A
5.0SMDJ20CA
5PES 5BES
15.0
16.70
18.50
1
24.4
205.0
100
5.0SMDJ16A
5.0SMDJ20CA
5PET 5BET
16.0
17.80
19.70
1
26.0
193.0
50
5.0SMDJ17A
5.0SMDJ20CA
5PEU 5BEU
17.0
18.90
20.90
1
27.6
181.0
20
5.0SMDJ18A
5.0SMDJ20CA
5PEV 5BEV
18.0
20.00
22.10
1
29.2
172.0
10
5.0SMDJ20A
5.0SMDJ20CA
5PEW 5BEW
20.0
22.20
24.50
1
32.4
155.0
5
5.0SMDJ22A
5.0SMDJ22CA
5PEX 5BEX
22.0
24.40
26.90
1
35.5
141.0
5
5.0SMDJ24A
5.0SMDJ24CA
5PEZ 5BEZ
24.0
26.70
29.50
1
38.9
129.0
5
5.0SMDJ26A
5.0SMDJ26CA
5PFE 5BFE
26.0
28.90
31.90
1
42.1
119.0
5
5.0SMDJ28A
5.0SMDJ28CA
5PFG 5BFG
28.0
31.10
34.40
1
45.4
110.0
5
5.0SMDJ30A
5.0SMDJ30CA
5PFK 5BFK
30.0
33.30
36.80
1
48.4
103.0
5
5.0SMDJ33A
5.0SMDJ33CA
5PFM 5BFM
33.0
36.70
40.60
1
53.3
93.9
5
5.0SMDJ36A
5.0SMDJ36CA
5PFP 5BFP
36.0
40.00
44.20
1
58.1
86.1
5
5.0SMDJ40A
5.0SMDJ40CA
5PFR 5BFR
40.0
44.40
49.10
1
64.5
77.6
5
5.0SMDJ43A
5.0SMDJ43CA
5PFT 5BFT
43.0
47.80
52.80
1
69.4
72.1
5
5.0SMDJ45A
5.0SMDJ45CA
5PFV 5BFV
45.0
50.00
55.30
1
72.7
68.8
5
5.0SMDJ48A
5PFX
48.0
53.30
58.90
1
77.4
64.7
5
5.0SMDJ51A
5PFZ
51.0
56.70
62.70
1
82.4
60.7
5
5.0SMDJ54A
5PGE
54.0
60.00
66.30
1
87.1
57.5
5
5.0SMDJ58A
5PGG
58.0
64.40
71.20
1
93.6
53.5
5
5.0SMDJ60A
5PGK
60.0
66.70
73.70
1
96.8
51.7
5
5.0SMDJ64A
5PGM
64.0
71.10
78.60
1
103.0
48.6
5
5.0SMDJ70A
5PGP
70.0
77.80
86.00
1
113.0
44.3
5
5.0SMDJ75A
5PGR
75.0
83.30
92.10
1
121.0
41.4
5
5.0SMDJ78A
5PGT
78.0
86.70
95.80
1
126.0
39.7
5
5.0SMDJ85A
5PGV
85.0
94.40
104.00
1
137.0
36.5
5
5.0SMDJ90A
5PGX
90.0
100.00
111.00
1
146.0
34.3
5
5.0SMDJ100A
5PGZ
100.0
111.00
123.00
1
162.0
30.9
5
5.0SMDJ110A
5PHE
110.0
122.00
135.00
1
177.0
28.3
5
5.0SMDJ120A
5PHG
120.0
133.00
147.00
1
193.0
26.0
5
5.0SMDJ130A
5PHK
130.0
144.00
159.00
1
209.0
24.0
5
5.0SMDJ150A
5PHM
150.0
167.00
185.00
1
243.0
20.6
5
5.0SMDJ160A
5PHP
160.0
178.00
197.00
1
259.0
19.3
5
5.0SMDJ170A
5PHR
170.0
189.00
209.00
1
275.0
18.2
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
5.0SMDJ Series
Rating and Characteristic Curves 5.0SMDJ Series
Electrical characteristics apply in both directions.
For Bidirectional use C or CA Suffix for types 5.0SMDJ5.0 thru types 5.0SMDJ170 (e.g. 5.0SMDJ5.0C, 5.0SMDJ170CA)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 5.0SMDJ20A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ20A MDE-5.0SMDJ20A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
5.0SMDJ20A FS-5.0SMDJ20A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Nanjing International G...
5.0SMDJ20A DGNJDZ-5.0SMDJ20A Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Shenzhen Luguang Electr...
5.0SMDJ20A LUGUANG-5.0SMDJ20A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ20A LITTELFUSE-5.0SMDJ20A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5.0SMDJ20A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
   surface mounted applications in order to optimize board space
01.06.2018
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com