Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD10U45SL Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD10U45SL
Description  10A/45V Ultra Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD10U45SL Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD10U45SL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD10U45SL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SD10U45SL Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10A/45V Ultra Low VF Schottky Rectifier
FEATURES
MACHANICAL DATA
High current capability, low forward voltage
Excellent high temperature stability
Low power loss, and high efficiency
High forward surge capability
RoHS compliant, and Halogen free
Case: TO-277 small outline plastic package
Terminal: Matte tin plated, solderable per
MIL-STD-750, Method 2026
Molding
Compound
Flammability
Rating:UL94-0
High temperature soldering guaranteed:
260℃/10second
Packed with FRP substrate and epoxy
underfilled
ORDERING INFORMATION
APPLICATIONS
Device:SD10U45SL
Package: TO-277
Marking: 10U45
Material: Halogen free
Packing: Tape & 13’’ Reel
Quantity per reel: 3,000pcs
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC/DC converter
Designed as bypass diodes for solar panels
PIN CONFIGURATION
PACKAGE OUTLINE
ABSOLUTE MAXIMUM RATING (Tamb=25
°C, unless otherwise specified)
Symbol
Parameter
Value
Units
VRRM
Repetitive Peak Reverse Voltage
45
V
IF(AV)
Average Forward Current
10
A
IFSM
Peak Forward Surge Current, 8.3ms single half
sine-wave
280
A
TJ &
TSTG
Junction and Storage Temperature
-40~+150
°C
http://www.luguang.cn
Email:lge@luguang.cn
SD10U45SL


Similar Part No. - SD10U45SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD10U45SL LUGUANG-SD10U45SL Datasheet
199Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
More results

Similar Description - SD10U45SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD10U45SL LUGUANG-SD10U45SL Datasheet
199Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
logo
Shanghai Leiditech Elec...
PSD1045SL LEIDITECH-PSD1045SL Datasheet
516Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1045SL LUGUANG-SD1045SL Datasheet
218Kb / 3P
   10A/45V Low VF Schottky Rectifier
SD5U45SL LUGUANG-SD5U45SL Datasheet
1Mb / 3P
   10A/45V Low VF Schottky Rectifier
SD10U45L LUGUANG-SD10U45L Datasheet
823Kb / 3P
   10A/45V Low VF Schottky Rectifier
SD1045SL LUGUANG-SD1045SL Datasheet
195Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shanghai Leiditech Elec...
PSD10U45SL LEIDITECH-PSD10U45SL Datasheet
425Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD20U45SL LUGUANG-SD20U45SL Datasheet
229Kb / 3P
   20A/45V Ultra Low VF Schottky Rectifier
SD20U45SL LUGUANG-SD20U45SL Datasheet
229Kb / 3P
   20A/45V Ultra Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
228Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com