Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1045SL Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD1045SL
Description  10A/45V Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD1045SL Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD1045SL Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD1045SL Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SD1045SL Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VF
Forward Voltage (note 1)
IF = 0.01A
0.18
V
IF = 0.5A
0.27
V
IF = 2A
0.31
V
IF = 8A
0.40
V
IF = 10A
0.42
0.45
V
VBR
Reverse Breakdown Voltage
IR = 0.5mA
45
V
IR
Reverse Leakage Current
VR = 45V
0.2
mA
VR = 45V, @100℃
10
mA
Rth(JA)
Thermal Resistance (note 2)
31
℃/W
Note 1: Pulse test width PW=300usec, 1% duty cycle
Note 2: Polymide PCB, 2oz. copper. Cathode pad dimensions 18.8x14.4mm. Anode pad dimensions 5.6x14.4mm
ELECTRICAL CHARACTERISTICS CURVE
SD1045SL
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - SD1045SL

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SD1045SL LUGUANG-SD1045SL Datasheet
195Kb / 3P
   10A/45V Low VF Schottky Rectifier
More results

Similar Description - SD1045SL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PSD1045SL LEIDITECH-PSD1045SL Datasheet
516Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD5U45SL LUGUANG-SD5U45SL Datasheet
1Mb / 3P
   10A/45V Low VF Schottky Rectifier
SD10U45L LUGUANG-SD10U45L Datasheet
823Kb / 3P
   10A/45V Low VF Schottky Rectifier
SD1045SL LUGUANG-SD1045SL Datasheet
195Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shanghai Leiditech Elec...
PSD10U45SL LEIDITECH-PSD10U45SL Datasheet
425Kb / 3P
   10A/45V Low VF Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD10U45SL LUGUANG-SD10U45SL Datasheet
199Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
SD10U45SL LUGUANG-SD10U45SL Datasheet
193Kb / 3P
   10A/45V Ultra Low VF Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
   45V, 10A Low VF Schottky Barrier Rectifiers
logo
Central Semiconductor C...
CTLSH10-45M364 CENTRAL-CTLSH10-45M364 Datasheet
1Mb / 2P
   10A, 45V Low VF Schottky Rectifier in the TLM364 package
logo
Shenzhen Luguang Electr...
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
   15A/45V Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com