Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

145O Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 145O
Description  LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

145O Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  145O Datasheet HTML 1Page - Hammond Manufacturing Ltd. 145O Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Chassis Mount (143-146 Series)
NOTES:
*1) For output transformers this figure is maximum unbalance.
CHASSIS MOUNT
AUDIO TRANSFORMERS
Economical, open, two hole horizontal bracket mount.
Insulated, color coded flexible leads, 4" long minimum (143, 144 & 145 Series)
or 3" long minimum (146 Series).
For a similar, P.C. board mount version, refer to our 148 & 149 Series.
Frequency response 150 Hz. to 15 Khz. (+/- 1 db, reference 1000 Hz.)
When operating at impedances below nominal, power capability and the
frequency spectrum are proportionately lower, conversely, at higher impedances
power capability and frequency spectrum will be proportionately higher.
Net weight: 0.5 oz. (143, 144 & 146 Series) & 1.4 oz. (145 Series).
Part
No.
Application
Nominal Impedance
Pri.
D.C.
(*1) ma
D.C. Resistance +/- 15% Output
mW
Sch.
Primary Secondary
Primary
Secondary
143B
Input
3.2
4000
0
0.4
245
15
1
143D
Input
200K
1000
0
4500
30
25
1
143H
Driver
1500
500 C.T.
4
111
24
30
2
143J
Driver
3000
1000 C.T.
2.6
265
53
30
2
143L
Driver
10000
200 C.T.
1.5
720
9
30
2
143N
Driver
10000
2000 C.T.
1.5
720
89
30
2
143R
Driver
25000
600 C.T.
1
1890
25
30
2
144B
Output
200 C.T.
3.2
10
10
0.33
150
3
144D
Output
300 C.T.
3.2
9
15
0.33
150
3
144F
Output
500 C.T.
3.2
6
27
0.33
150
3
144G
Output
500 C.T.
8
6
27
0.9
150
3
144H
Output
500 C.T.
50
6
28
7.3
150
3
144I
Output
600 C.T.
150 C.T.
6
45
8.2
150
4
144P
Output
10000
3.2
5
575
0.5
50
1
144Q
Output
10000
8
5
575
0.9
50
1
144S
Output
20000
8
3.5
1240
0.9
50
1
145A
Driver
100
200 C.T.
45
14
19
100
2
145B Driver-Output
600
600
18
30
38
200
1
145C
Input
50000
1500 C.T.
1
2400
52
50
2
145D
Input
200K
1000
0.5
3600
33
10
1
145E Input-Output 600 C.T.
600 C.T.
5
65
83
200
4
145F
Driver
600 C.T.
200 C.T.
20
45
9
135
4
145G
Driver
2000
200 C.T.
12
140
9
135
2
145H
Driver
2000
500 C.T.
12
148
17
135
2
145J
Driver
4000
600 C.T.
8
340
24
135
2
145L
Driver
4000
2600 C.T.
8
340
100
135
2
145N
Driver
10000
2000 C.T.
5
700
89
135
2
145O
Driver
15000
200 C.T.
4
850
10
135
2
145P
Driver
20000
1000 C.T.
3.5
1180
50
135
2
145R
Driver
20000
2000 C.T.
3.5
1180
89
135
2
146B
Output
48 C.T.
3.2
20
2.4
0.3
700
3
146C
Output
48 C.T.
8
20
2.4
0.7
700
3
146D
Output
100 C.T.
3.2
14
4.4
0.3
700
3
146E
Output
100 C.T.
8
14
4.4
0.7
700
3
146F
Output
250 C.T.
3.2
8
11
0.3
700
3
146G
Output
250 C.T.
8
8
11
0.7
700
3
146H
Output
500 C.T.
3.2
6
26
0.3
700
3
146I
Output
500 C.T.
8
6
26
0.7
700
3
146J
Output
1000 C.T.
3.2
4
56
0.3
700
3
146K
Output
1000 C.T.
8
4
56
0.7
700
3
146N
Output
2000 C.T.
8
3
97
0.7
700
3
146S
Output
4000 C.T.
8
2
220
0.7
700
3
Series
No.
Dimensions (Inches)
A
B
C
D
143...
1.35
0.69
0.69
1.06
144...
1.35
0.69
0.69
1.06
145...
1.63
0.88
0.81
1.38
146...
1.63
0.88
0.81
1.38
Red
Blue
Black
Green
PRI
SEC
Schematic 1
Red
Blue
Yellow
Green
PRI
SEC
Black
Brown
Blue
Black
Green
PRI
SEC
Red
Brown
Blue
Yellow
Green
PRI
SEC
Black
Red
Schematic 4
Schematic 2
Schematic 3


Similar Part No. - 145O

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
Marl International Limi...
145-214-04 MARL-145-214-04 Datasheet
296Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
logo
WECO ELECTRICAL CONNECT...
145-A-111 WECO-145-A-111 Datasheet
69Kb / 1P
   PCB connector Screw connection, interlocking
05.11
145-A-111/02 WECO-145-A-111/02 Datasheet
69Kb / 1P
   PCB connector Screw connection, interlocking
05.11
145-A-111/03 WECO-145-A-111/03 Datasheet
69Kb / 1P
   PCB connector Screw connection, interlocking
05.11
More results

Similar Description - 145O

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
148D HAMMOND-148D Datasheet
395Kb / 2P
   P.C. BOARD MOUNT AUDIO TRANSFORMERS
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
   LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
227T HAMMOND-227T Datasheet
278Kb / 1P
   Low Voltage - P.C. Board Mount (226-228 Series)
108L HAMMOND-108L Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
611 HAMMOND-611 Datasheet
118Kb / 1P
   Pulse Open Frame P.C. Board Mount
11/8/2018
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Pulse A Technitrol Comp...
T6003NL PULSE-T6003NL Datasheet
147Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NLT PULSE-T6027NLT Datasheet
68Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NL PULSE-T6027NL Datasheet
147Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com