Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD632TD Datasheet(PDF) 4 Page - Analog Devices

Part # AD632TD
Description  Internally Trimmed Precision IC Multiplier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632TD Datasheet(HTML) 4 Page - Analog Devices

  AD632TD Datasheet HTML 1Page - Analog Devices AD632TD Datasheet HTML 2Page - Analog Devices AD632TD Datasheet HTML 3Page - Analog Devices AD632TD Datasheet HTML 4Page - Analog Devices AD632TD Datasheet HTML 5Page - Analog Devices AD632TD Datasheet HTML 6Page - Analog Devices AD632TD Datasheet HTML 7Page - Analog Devices AD632TD Datasheet HTML 8Page - Analog Devices AD632TD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
AD632
Rev. D | Page 3 of 12
SPECIFICATIONS
@ +25°C, VS = ±15 V, R ≥ 2 kΩ, unless otherwise noted. Specifications shown in boldface are tested on all production units at final
electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD632A
AD632B
AD632S
AD632T
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
(
)
(
Total Error1 (−10 V ≤ X, Y ≤ +10
V)
±1.0
±0.5
±1.0
±0.5
%
TA = Min to Max
±1.5
±1.0
±2.0
±1.0
%
Total Error vs. Temperature
±0.022
±0.015
±0.02
±0.01
%/°C
Scale Factor Error
(SF = 10,000 V Nominal)2
±0.25
±0.1
±0.25
±0.1
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.2
±0.005
%/°C
Supply Rejection (±15 V ± 1 V)
±0.01
±0.01
±0.01
±0.01
%
Nonlinearity
X (X = 20 V p-p, Y = 10 V)
±0.4
±0.2
±0.3
±0.4
±0.2
±0.3
%
Y (Y = 20 V p-p, X = 10 V)
±0.2
±0.1
±0.1
±0.2
±0.1
±0.1
%
Feedthrough3
X (Y Nulled, X = 20 V p-p 50 Hz)
±0.3
±0.15
±0.3
±0.3
±0.15
±0.3
%
Y (X Nulled, Y = 20 V p-p 50 Hz)
±0.01
±0.01
±0.1
±0.01
±0.01
±0.1
%
Output Offset Voltage
±5
±30
±2
±15
±5
±30
±2
±15
mV
Output Offset Voltage Drift
200
100
500
300
µV/°C
DYNAMICS
Small Signal BW, (VOUT = 0.1 rms)
1
1
1
1
MHz
1% Amplitude Error
(CLOAD = 1000 pF)
50
50
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
20
20
V/µs
Settling Time (to 1%, ΔVOUT = 20 V)
2
2
2
2
µs
NOISE
Noise Spectral Density
SF = 10 V
0.8
0.8
0.8
0.8
µV/√Hz
SF = 3 V4
0.4
0.4
0.4
0.4
µV/√Hz
Wideband Noise
A = 10 Hz to 5 MHz
1.0
1.0
1.0
1.0
mV/rms
P = 10 Hz to 10 kHz
90
90
90
90
µV/rms
OUTPUT
Output Voltage Swing
±11
±11
±11
±11
V
Output Impedance (f ≤ 1 kHz)
0.1
0.1
0.1
0.1
Output Short-Circuit Current
(RL = 0, TA = Min to Max)
30
30
30
30
mA
Amplifier Open-Loop Gain
(f = 50 Hz)
70
70
70
70
dB
INPUT AMPLIFIERS (X, Y, and Z)5
Signal Voltage Range
(Differential or Common-
Mode Operating Diff.)
±10
±12
±10
±12
±10
±12
±10
±12
V
Offset Voltage X, Y
±5
±20
±2
±10
±5
±20
±2
±10
mV
Offset Voltage Drift X, Y
100
50
100
150
µV/°C
Offset Voltage Z
±5
±30
±2
±15
±5
±30
±2
±15
mV
Offset Voltage Drift Z
200
100
500
300
µV/°C
CMRR
60
80
70
90
60
80
70
90
dM
Bias Current
0.8
2.0
0.8
2.0
0.8
2.0
0.8
2.0
µA
Offset Current
0.1
0.1
0.1
0.1
µA
Differential Resistance
10
10
10
10
MΩ


Similar Part No. - AD632TD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632TD AD-AD632TD Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD632TD/883B AD-AD632TD/883B Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results

Similar Description - AD632TD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com