Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1852JRSZRL Datasheet(PDF) 11 Page - Analog Devices

Part # AD1852JRSZRL
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852JRSZRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1852JRSZRL Datasheet HTML 7Page - Analog Devices AD1852JRSZRL Datasheet HTML 8Page - Analog Devices AD1852JRSZRL Datasheet HTML 9Page - Analog Devices AD1852JRSZRL Datasheet HTML 10Page - Analog Devices AD1852JRSZRL Datasheet HTML 11Page - Analog Devices AD1852JRSZRL Datasheet HTML 12Page - Analog Devices AD1852JRSZRL Datasheet HTML 13Page - Analog Devices AD1852JRSZRL Datasheet HTML 14Page - Analog Devices AD1852JRSZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1852
Rev. A | Page 11 of 20
0
–140
–120
–100
–80
–60
–40
–20
–140
–20
–40
–60
–80
–100
–120
0
(dBFS)
–50
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
02468
10
12
14
16
18
20
22
FREQUENCY (kHz)
Figure 20. Linearity vs. Amplitude Input 200 Hz, SR 48 kS/s, 24-Bit Word
Figure 23. Dynamic Range for 1 kHz @ −60 dBFS, Triangular Dithered Input
–64
–76
–74
–72
–70
–68
–66
10
100
1k
10k 20k
FREQUENCY (Hz)
0
–160
–140
–150
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
08
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
FREQUENCY (kHz)
0
Figure 21. Power Supply Rejection vs. Frequency, AVDD 5 V DC + 100 mV p-p AC
Figure 24. Wideband Plot, 75 kHz Input, 2× Interpolation, SR 192 kHz
0
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
01
100
80
60
40
20
FREQUENCY (kHz)
20
0
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
01
100
80
60
40
20
FREQUENCY (kHz)
20
Figure 22. Wideband Plot, 15 kHz Input, 8× Interpolation, SR 48 kHz
Figure 25. Wideband Plot, 37 kHz Input, 4× Interpolation, SR 96 kHz


Similar Part No. - AD1852JRSZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852JRS AD-AD1852JRS Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1852JRSRL AD-AD1852JRSRL Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
More results

Similar Description - AD1852JRSZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com